Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB50405C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # USB50405C
Description  Bidirectional TVSarray ?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB50405C Datasheet(HTML) 1 Page - Microsemi Corporation

  USB50405C Datasheet HTML 1Page - Microsemi Corporation USB50405C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bidirectional TVSarray ™
S C O T TS DALE DIVISION
USB50403C thru USB50424C, e3
DESCRIPTION
APPEARANCE
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) is packaged in an SOT-143
configuration giving protection to 1 Bidirectional data or interface line. It is designed
for use in applications where protection is required at the board level from voltage
transients caused by electrostatic discharge (ESD) as defined in IEC 61000–4-2,
electrical fast transients (EFT) per IEC 61000-4-4 and effects of secondary lightning.
It is also available with either Tin-Lead plated terminations or as RoHS Compliant
with annealed matte-Tin finish by adding an “e3” suffix to the part number*.
These TVS arrays have a peak power rating of 500 watts for an 8/20
μsec pulse.
This array is suitable for protection of sensitive circuitry consisting of TTL, CMOS
DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, UNIVERSAL SERIAL BUS
(USB) and I/O transceivers. The USB504xxC product provides board level
protection from static electricity and other induced voltage surges that can damage
or upset sensitive circuitry.
SOT–143
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Microsemi
Scottsdale Division
Page 1
Copyright
© 2005
6-28-2005 REV K
FEATURES
APPLICATIONS / BENEFITS
Protects 1 bidirectional line
• EIA-RS485 data rates:
5 Mbs
Surge protection per IEC 61000-4-2, IEC 61000-4-4
• 10 Base T Ethernet
Provides electrically isolated protection
UL 94V-0 Flamability Classification
• USB date rate: 900 Mbs
RoHS Compliant devices available by adding e3 suffix
• Tape & Reel per EIA Standard 481-1-A
ULTRA LOW CAPACITANCE 3 pF per line pair
• 7 inch reel; 3,000 pieces per reel
ULTRA LOW LEAKAGE
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperature: -55°C to +150°C
• Molded SOT-143 Surface Mount
• Storage Temperature: -55°C to +150°C
• Weight: 0.035 grams (approximate)
• Peak Pulse Power: 500 watts (8/20 µs, Figure 1)
• Body marked with device marking code* (see below)
• Pulse Repetition Rate: < .01%
• Pin #1 defined by dot on top of package
ELECTRICAL CHARACTERISTICS
TEMPERATURE
STAND OFF
BREAKDOWN
CLAMPING
CLAMPING
STANDBY
CAPACITANCE
COEFFICIENT
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CURRENT
(f=1 MHz)
OF V
V
V
V
V
I
C
WM
BR
C
C
D
BR
VOLTS
@1 mA
VOLTS
@ 1 Amp
(Figure 2)
VOLTS
@ 5 Amp
(Figure 2)
VOLTS
@ VWM
µA
@0V
pF
α
VBR
mV/°C
DEVICE
PART
MARKING
*
NUMBER
MAX
MIN
MAX
MAX
MAX
MAX
MAX
USB50403C
53
3.3
4
8
11
200
3
-5
USB50405C
55
5.0
6.0
10.8
13
40
3
1
3
USB50412C
512
12.0
13.3
19
26
1
8
USB50415C
515
15.0
16.7
24
32
1
3
11
USB50424C
524
24.0
26.7
43
57
1
3
28
*Device marking has an e3 suffix added for the RoHS Compliant option, e.g. 53e3, 55e3, 512e3, 515e3, and 524e3.
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - USB50405C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB50405C MICROSEMI-USB50405C Datasheet
69Kb / 2P
TVSarray ??Series
More results

Similar Description - USB50405C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB0803C-A MICROSEMI-USB0803C-A Datasheet
106Kb / 2P
Bidirectional TVSarray
SMS03C MICROSEMI-SMS03C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
USB0803CSO8PC MICROSEMI-USB0803CSO8PC Datasheet
207Kb / 2P
Bidirectional TVSarray
USB50803C-A MICROSEMI-USB50803C-A Datasheet
113Kb / 2P
Bidirectional Low Capacitance TVSarray ?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com