Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2616CD Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2616CD
Description  12-bit Serial Input Voltage Output DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2616CD Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

  WM2616CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2616CD Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
WM2616
Production Data Rev 1.0
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
8
SOFTWARE CONFIGURATION OPTIONS
The 16 bits of data can be transferred with the sequence shown in Table 2. D11-D0 contains the 12-bit
data word. D14-D13 hold the programmable options.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
x
SPD PWR
x
New DAC value (12 bits)
Table 2 Register Map
PROGRAMMABLE SETTLING TIME
Settling time is a software selectable 12
µs or 4µs typical, to within ±0.5LSB of final value. This is
controlled by the value of D14. A ONE defines a settling time of 4
µs, a ZERO defines a settling time of
12
µs.
PROGRAMMABLE POWER DOWN
The power down function is controlled by D13. A ZERO configures the device as active, or fully
powered up, a ONE configures the device into power down mode. When the power down function is
released the device reverts to the DAC code set prior to power down.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com