Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2625 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2625
Description  Low Power Dual 8-bit Serial Input DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2625 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2625 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2625 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Production Data
WM2625
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
5
TYPICAL PERFORMANCE GRAPHS
VDD = 5V, V
REF = 2.048V, Speed = Fast Mode, TA = 25.5
OC
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
32
64
96
128
160
192
224
256
DIGITAL CODE
Figure 2 Integral Non-Linearity
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
345
678
9
10
ISINK - mA
Slow
Fast
VDD = 3V, VREF = 1V, Input Code = 0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
345
678
9
10
ISINK - mA
Slow
Fast
VDD = 5V, VREF = 2V, Input Code = 0
Figure 3 Sink Current VDD = 3V
Figure 4 Sink Current VDD = 5V
2.025
2.03
2.035
2.04
2.045
2.05
2.055
2.06
0123456789
10
ISOURCE - mA
Slow
Fast
VDD = 3V, VREF = 1V, Input Code = 4095
4.065
4.07
4.075
4.08
4.085
4.09
4.095
4.1
0123456789
10
ISOURCE - mA
Slow
Fast
VDD = 5V, VREF = 2V, Input Code = 4095
Figure 5 Source Current VDD = 3V
Figure 6 Source Current VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com