Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5006MDB Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPT5006MDB
Description  10 AMPS 100 Volts High Power - High Speed NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT5006MDB Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPT5006MDB Datasheet HTML 1Page - Solid States Devices, Inc SPT5006MDB Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0113A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPT5006 __ __ __
SPT5008 __ __ __
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
└ Lead Bend 3/ 4/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
└ Package 3/
/61 = TO-61
/3 = TO-3
M = TO-254
S1 = SMD1
SPT5006 and SPT5008
Series
10 AMPS
100 Volts
High Power - High Speed
NPN Transistors
Features:
• Radiation Tolerant
• Fast Switching, 100 ns Maximum t
d
• High Frequency, f
T> 30MHz
• BV
CEO 80 Volts Minimum
• High Linear Gain, Low Saturation Voltage
• 200oC Operating Temperature
• Designed for Complementary Use With
SPT5007 and SPT5009
• TX, TXV, S-Level Screening Available.
Consult Factory.
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
Volts
Collector – Base Voltage
VCBO
100
Volts
Emitter – Base Voltage
VEBO
6
Volts
Collector Current
IC
10
Amps
Base Current
IB
3
Amps
Total Power Dissipation @ TC = 50ºC
Derate Above 50ºC
PD
100
0.667
Watts
W/ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.5
ºC/W
TO-61 (/61)
TO-3(/3)
TO-254 (M)
SMD1 (S1)


Similar Part No. - SPT5006MDB

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT50 LUMINIS-SPT50 Datasheet
207Kb / 3P
Wall / post mount
logo
Coilcraft lnc.
SPT50H-652ML COILCRAFT-SPT50H-652ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT50H-842ML COILCRAFT-SPT50H-842ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT50L-163ML COILCRAFT-SPT50L-163ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT50L-205ML COILCRAFT-SPT50L-205ML Datasheet
248Kb / 3P
SMT Power Inductors
More results

Similar Description - SPT5006MDB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT6678 SSDI-SFT6678 Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
SFT5002 SSDI-SFT5002 Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT6338 SSDI-SFT6338 Datasheet
51Kb / 2P
25 AMP 100 - 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT6032 SSDI-SFT6032 Datasheet
34Kb / 2P
50 AMPS 90 - 120 Volts High Power NPN Transistors
SFT1002 SSDI-SFT1002 Datasheet
186Kb / 2P
100 AMP HIGH SPEED NPN TRANSISTOR 250 VOLTS
2N5152 SSDI-2N5152 Datasheet
223Kb / 2P
5 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT3997 SSDI-SFT3997 Datasheet
213Kb / 2P
10 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
2N5006 SSDI-2N5006 Datasheet
89Kb / 2P
10 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT5671 SSDI-SFT5671 Datasheet
189Kb / 2P
30 - 50 AMPS 90 - 130 Volts High Power NPN Transistors
TR0113A SSDI-TR0113A Datasheet
82Kb / 2P
High Power - High Speed NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com