Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113CUTR Datasheet(PDF) 13 Page - Microsemi Corporation

Part # NX2113CUTR
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113CUTR Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button NX2113CUTR Datasheet HTML 9Page - Microsemi Corporation NX2113CUTR Datasheet HTML 10Page - Microsemi Corporation NX2113CUTR Datasheet HTML 11Page - Microsemi Corporation NX2113CUTR Datasheet HTML 12Page - Microsemi Corporation NX2113CUTR Datasheet HTML 13Page - Microsemi Corporation NX2113CUTR Datasheet HTML 14Page - Microsemi Corporation NX2113CUTR Datasheet HTML 15Page - Microsemi Corporation NX2113CUTR Datasheet HTML 16Page - Microsemi Corporation NX2113CUTR Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NX2113/2113A
13
Rev. 2.0
11/18/05
B. Type II compensator design
If the electrolytic capacitors are chosen as power
stage output capacitors, usually the Type II compensa-
tor can be used to compensate the system.
gm
R3
C1
C2
Ve
Vout
Vref
Fb
R2
R1
Figure 11 - Type II compensator with
transconductance amplifier
compensator
loop gain
power stage
40dB/decade
20dB/decade
Gain
FZ
LC
F
ESR
F
O
F FP
Figure 12 - Bode plot of Type II compensator
Type II compensator can be realized by simple
RC circuit without feedback as shown in figure 11. R3
and C1 introduce a zero to cancel the double pole
effect. C2 introduces a pole to suppress the switching
noise. The following equations show the compensator
pole zero location and constant gain.
1
m3
12
z
31
p
32
R
Gain=g
R
... (15)
R +R
1
F =
... (16)
2
RC
1
F
... (17)
2
RC
××
×π ××
≈
×π ××
For this type of compensator, F
O has to satisfy
F
LC<FESR<<FO<=1/10~1/5Fs.
The following uses typical design in figure 18 as
an example for type II compensator design, two 680uF
with 36m
Ω electrolytic capacitors are used.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
4.7uH 1360uF
2.0kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
18m
1360uF
6.5kHz
=
×π ××
=
×π ×
Ω×
=
2.Set R
2 equal to10kΩ. Using equation 18.
1
10k
0.8V
R
4.7k
2.5V-0.8V
Ω×
=
=Ω
3. Set crossover frequency at 1/10~ 1/5 of the
swithing frequency, here FO=30kHz.
4.Calculate R
3 value by the following equation.
OSCO
12
3
in
ESR
m1
V2
FL
R +R
1
R=
V
R
gR
2V
2
30kHz 4.7uH1
=
12V
18m
2.5mA/V
10k +4.7k
4.7k
=10.3k
×π ××
×
××
×π ××
××
Ω
ΩΩ
×
Ω
Ω
Choose R
3 =10kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com