Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2117 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX2117
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2117 Datasheet(HTML) 2 Page - Microsemi Corporation

  NX2117 Datasheet HTML 1Page - Microsemi Corporation NX2117 Datasheet HTML 2Page - Microsemi Corporation NX2117 Datasheet HTML 3Page - Microsemi Corporation NX2117 Datasheet HTML 4Page - Microsemi Corporation NX2117 Datasheet HTML 5Page - Microsemi Corporation NX2117 Datasheet HTML 6Page - Microsemi Corporation NX2117 Datasheet HTML 7Page - Microsemi Corporation NX2117 Datasheet HTML 8Page - Microsemi Corporation NX2117 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
2
Rev. 3.0
03/14/06
ABSOLUTE MAXIMUM RATINGS
VCC to GND & BST to SW voltage .................... -0.3V to 6.5V
BST to GND Voltage ........................................ -0.3V to 35V
SW to GND ...................................................... -2V to 35V
All other pins .................................................... -0.3V to VCC+0.3V or 6.5V
Storage Temperature Range ............................... -65oC to 150oC
Operating Junction Temperature Range ............... -40oC to 125oC
ESD Susceptibility ........................................... 2kV
CAUTION: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to
the device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
NX2116/2116A/2116B
NX2117/2117A
10-LEAD PLASTIC MLPD
10-LEAD PLASTIC MSOP
7
8
9
10
4
3
2
1
BST
LDrv
Gnd
(PAD)
HDrv
EN
FB
COMP
SW
6
PGOOD 5
OCP
VCC
θ ≈ 52/
o
JA
CW
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc = 5V, and T
A= 0 to 70
oC. Typical values refer to T
A
= 25oC. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Reference Voltage
Ref Voltage
VREF
0.8
V
Ref Voltage line regulation
0.2
%
Supply Voltage(Vcc)
VCC Voltage Range
VCC
4.5
5
5.5
V
VCC Supply Current (Static)
ICC (Static) Outputs not switching
3
mA
VCC Supply Current
(Dynamic)
ICC
(Dynamic)
CLOAD=3300pF
FS=300kHz
TBD
mA
Supply Voltage(VBST)
VBST Supply Current (Static)
IBST (Static) Outputs not switching
TBD
mA
VBST Supply Current
(Dynamic)
IBST
(Dynamic)
CLOAD=3300pF
FS=300kHz
TBD
mA
4
3
2
1
7
8
9
10
BST
LDrv
GND
HDrv
EN
FB
COMP
SW
5
VCC
6
OCP
o
JA
CW
θ ≈ 200/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com