Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2124CSTR Datasheet(PDF) 17 Page - Microsemi Corporation

Part # NX2124CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2124CSTR Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button NX2124CSTR Datasheet HTML 9Page - Microsemi Corporation NX2124CSTR Datasheet HTML 10Page - Microsemi Corporation NX2124CSTR Datasheet HTML 11Page - Microsemi Corporation NX2124CSTR Datasheet HTML 12Page - Microsemi Corporation NX2124CSTR Datasheet HTML 13Page - Microsemi Corporation NX2124CSTR Datasheet HTML 14Page - Microsemi Corporation NX2124CSTR Datasheet HTML 15Page - Microsemi Corporation NX2124CSTR Datasheet HTML 16Page - Microsemi Corporation NX2124CSTR Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NX2124/2124A
17
Rev.1.8
02/28/08
Customer Service
NEXSEM Inc.
500 Wald
Irvine, CA 92618
U.S.A.
Tel: (949)453-0714
Fax: (949)453-0713
WWW.NEXSEM.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com