Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2139ACMTR Datasheet(PDF) 12 Page - Microsemi Corporation

Part # NX2139ACMTR
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139ACMTR Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button NX2139ACMTR Datasheet HTML 8Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 9Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 10Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 11Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 12Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 13Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 14Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 15Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
NX2139A
12
Rev. 2.3
03/19/09
and the second term can be neglected.
For this example, one POSCAP 2R5TPE330MC
is chosen as output capacitor, the ESR and inductor
current typically determines the output voltage ripple.
When VIN reach maximum voltage, the output volt-
age ripple is in the worst case.
RIPPLE
desire
RIPPLE
V
60mV
ESR
=
12m
I
5A
∆
=
=Ω
∆
...(6)
If low ESR is required, for most applications, mul-
tiple capacitors in parallel are needed. The number of
output capacitor can be calculate as the following:
E
R IPPLE
R IPPLE
ES RI
N
V
×∆
=
∆
...(7)
12m
5A
N
60mV
Ω×
=
N =1
The number of capacitor has to be round up to a
integer. Choose N =1.
Based On Transient Requirement
Typically, the output voltage droop during tran-
sient is specified as
∆V
droop
∆V
tran
<
@step load
DI
STEP
During the transient, the voltage droop during the
transient is composed of two sections. One section is
dependent on the ESR of capacitor, the other section
is a function of the inductor, output capacitance as well
as input, output voltage. For example, for the over-
shoot when load from high load to light load with a
DI
STEP transient load, if assuming the bandwidth of sys-
tem is high enough, the overshoot can be estimated
as the following equation.
2
OUT
overshoot
step
OUT
V
V
ESRI
2LC
∆
=
× ∆
+
×τ
××
...(8)
where
τ is the a function of capacitor,etc.
crit
step
OUT
crit
OUT
0
ifLL
LI
ESR C
ifLL
V
≤
 ×∆
τ= 
−
×≥
...(9
where
OUT
OUT
EE
OUT
crit
step
step
ESR C
V
ESRCV
L
II
×
×
××
==
∆∆
...(10)
where ESR
E and CE represents ESR and capaci-
tance of each capacitor if multiple capacitors are used
in parallel.
The above equation shows that if the selected
output inductor is smaller than the critical inductance,
the voltage droop or overshoot is only dependent on
the ESR of output capacitor.
For low frequency ca-
pacitor such as electrolytic capacitor, the product of
ESR and capacitance is high and
crit
LL
≤
is true. In
that case, the transient spec is mostly like to depen-
dent on the ESR of capacitor.
Most case, the output capacitor is multiple ca-
pacitor in parallel. The number of capacitor can be cal-
culated by the following
E
step
2
OUT
tran
E
tran
ESRI
V
N
V
2L CV
×∆
=
+
×τ
∆
× ×
×∆
...(11)
where
crit
step
E
E
crit
OUT
0
ifLL
LI
ESR
C
ifLL
V
≤
 ×∆
τ= 
−
×≥
...(12)
For example, assume voltage droop during tran-
sient is 60mV for 3A load step.
If one POSCAP 2R5TPE330MC(330uF, 12mohm
ESR) is used, the crticial inductance is given as
EE
OUT
crit
step
ESRCV
L
I
12m
3300 F 1.8V
23.76H
3A
××
==
∆
Ω×
µ×
=µ
The selected inductor is 1.5uH which is smaller
than critical inductance. In that case, the output volt-
age transient mainly dependent on the ESR.
number of capacitor is
E
step
tran
ESRI
N
V
12m
3A
60mV
0.6
×∆
=
∆
Ω×
=
=
Choose N=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com