Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2154CSTR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2154CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154CSTR Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2154CSTR Datasheet HTML 1Page - Microsemi Corporation NX2154CSTR Datasheet HTML 2Page - Microsemi Corporation NX2154CSTR Datasheet HTML 3Page - Microsemi Corporation NX2154CSTR Datasheet HTML 4Page - Microsemi Corporation NX2154CSTR Datasheet HTML 5Page - Microsemi Corporation NX2154CSTR Datasheet HTML 6Page - Microsemi Corporation NX2154CSTR Datasheet HTML 7Page - Microsemi Corporation NX2154CSTR Datasheet HTML 8Page - Microsemi Corporation NX2154CSTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NX2154/2154A
5
Rev.1.2
02/26/07
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the NX2154/NX2154A
Bias
Generator
1.25V
0.8V
BST
HDRV
SW
LDRV
FB
OSC
R
S
Q
Digital
start Up
UVLO
POR
GND
Control
Logic
OCP
comparator
VCC
ramp
0.3V
COMP
OC
START
START
Hiccup Logic
1.3V
CLAMP
0.6V
CLAMP
START
PWM
0.8V
VCC
360mV/540mV
COMP
70%Vp
FB
OC
Hiccup Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com