Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64001 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button PD64001 Datasheet HTML 5Page - Microsemi Corporation PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation PD64001 Datasheet HTML 10Page - Microsemi Corporation PD64001 Datasheet HTML 11Page - Microsemi Corporation PD64001 Datasheet HTML 12Page - Microsemi Corporation PD64001 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
9
When specifying and testing the power supply, it is
important to assure that test requirements are met
under all load conditions and line voltages.
Most switching power supplies designs will exhibit
the highest conducted noise at the maximum load
and the lowest line voltage.
However, other cases may also exist. As it is
impractical to go through all loads span, it is
recommended to test at full load, medium load and
minimum load.
The cables suggested for use are Cat 5 UTP cables
of at least 5m. (Both UTP and FTP cables shall be
tested for compliance in the final system tests).
Note that the standard deals with shielded and un-
shielded cables independently and the appropriate
test procedure shall be performed.
Resistive loads are selected to remove possible
noise injection from the PD side, leaving only the
main power supply as the source of noise.
For radiated disturbance using a proper SMPS
layout (short power patch and avoiding current
loops) may contribute to disturbance reduction.
For additional reduction if needed, full or partial
metal frame connected to mains earth may be used.
Immunity requirements –
An I.T.E should comply with EN55024 in order to get
a standard approval:
Most power supply manufacturers are familiar with
the standard requirements from the power supply
and know how to design the power supply to comply
with it. The requirements from the power supply's AC
input power port are:
•
Immunity to radio frequency continuous
conducted according to IEC61000-4-6
•
Voltage dips and voltage interruptions
according to IEC61000-4-11
•
Surges according to IEC61000-4-5
•
Fast transients according to IEC61000-4-4
•
The PoE circuitry may also be exposed
to immunity tests on the
telecommunication ports such as:
•
Radio frequency continuous conducted
according to IEC61000-4-6
•
Surge line to earth according to IEC61000-
4-5 (usually for port that may connect to
outdoor cables)
•
Fast transients according to IEC61000-4-4
and the PoE enclosure port exposed to:
•
Radio frequency electromagnetic field
immunity according to IEC61000-4-3
•
ESD electrostatic-discharge according to
IEC61000-4-2
To satisfy these tests requirements on the
telecommunication lines, "Y" capacitors to the
chassis (earth) will create a current path to earth.
It is a good practice to have two "Y" capacitors of
10nF/2000V each at the power supply output
positive and negative nodes to earth, to create a
current path for surge generated on the
telecommunication lines (respect to earth).
The system may benefit from two small "Y"
1nF/2000V capacitors, on the PoE positive and
negative output lines close to the output RJ45
connector, by increasing system immunity to ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com