Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2638 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM2638
Description  Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2638 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM2638 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2638 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
WM2638
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 99
11
PACKAGE DIMENSIONS
DM009.B
D: 8 PIN SOIC 3.9mm Wide Body
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MIN
MAX
MIN
MAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
e
1.27 BSC
0.050 BSC
E
3.80
4.00
0.1497
0.1574
h
0.25
0.50
0.0099
0.0196
H
5.80
6.20
0.2284
0.2440
L
0.40
1.27
0.0160
0.0500
α
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
C
h x 45o
α
L
A
A1
SEATING PLANE
-C-
0.10 (0.004)
4
1
D
5
8
E
H
B
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com