Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69012 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD69012
Description  12 Ports Power Over Ethernet Manager
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69012 Datasheet(HTML) 4 Page - Microsemi Corporation

  PD69012 Datasheet HTML 1Page - Microsemi Corporation PD69012 Datasheet HTML 2Page - Microsemi Corporation PD69012 Datasheet HTML 3Page - Microsemi Corporation PD69012 Datasheet HTML 4Page - Microsemi Corporation PD69012 Datasheet HTML 5Page - Microsemi Corporation PD69012 Datasheet HTML 6Page - Microsemi Corporation PD69012 Datasheet HTML 7Page - Microsemi Corporation PD69012 Datasheet HTML 8Page - Microsemi Corporation PD69012 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PD69012 - 12 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Page 4
Copyright
© 2009
Rev. 1.0, 2009-03-03
Maximum Ratings ____________
Vmain…………………………………………………-0.3 to 80 V(1)
DGND, AGND, QGND, SENSE_NEG…………..-0.3 to 0.3 V(2)
VPORT_POSx ………………………………..……
-0.3 to 80 V(1)
VPORT_NEGx, REF_PORT_NEG……..………..… -8.4 to 80V(1)
VPORT_POSx - VPORT_NEGx……………..…..……
-0.3 to 80 V(1)
PORT_SENSEx …..……..……..……..………..…-7.2 to 25 V (1)
Gate_x………………………………..………
-0.3 to 18 V
VCC2p5, ADC2p5………….………………………...
.
-0.3 to 3 V
VPERI……………………………..…………………. 4 V
EXT_REG……………………………………..……-0.3 to 6 V
I2CINI, ASICINI…………………………………… -0.3 to 3 V
MISO, MOSI, SCK, SCL, SDA, CLK, RESETN, CS_N,
INTERRUPT, POWER_BANK[2..0], LSD, LSC, LSL,
SDA_OUT….…………………………………... -0.3 to (VPERI+ 0.3) V
ESD (Human Body Model)…………….….… -2 to 2 kV(3)
Max junction temperature (Tjunc)…………..…+150
° C
Junction-ambient thermal resistance (θJA)….. 30
° C/W(4)
Junction-case thermal resistance (θJC)………10
° C/W
Lead temperature (soldering, 10 s)…………. 260
° C
Storage temperature…………………………..-40 to +125
°C
Notes
: “x” defines port numbers, 0 thru 3, inclusive.
(1) 80 V is the transient voltage that can be applied for 1 min max.
(2) Maximum value between grounds.
(3) ESD testing is performed in accordance with the Human Body
Model (CZap = 100 pF, RZap = 1500
Ω).
(4) with 4ML PCB – no air flow
Stress beyond those listed above may cause permanent damage
to the device. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Operating Conditions
____________________________________________
PARAMETER
MIN.
NOM.
MAX.
UNIT
Operating temperature
At full load ambient
-40
+85
°C
Operational limitations (1)
15 to 44
44 to 55
55 to 57
V
(1) Operating functions depend on the input voltage, as shown in Figure 2.
AC Disconnect
(only up to 55v)
POE IEEE802.3af compliance
(from 44v to 57v)
Communication(operates over entire range)
POE IEEE 802.3at
compliance
(from 50v to 57v)
57
V
55
50
44
15
Figure 2: Operational Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com