Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8146 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8146 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Product Preview
WM8146
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 January 2000
9
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is amplified by a 5-bit PGA then added
to the output of an 8-bit (+sign) offset DAC to compensate for sensor d.c. offsets. The gain and offset
for each channel are independently programmable by writing to control bits DAC[7:0] and PGA[4:0].
The following diagram shows the signal path through the device.
V
RESET
V
MID
V
3
CDS = 1
CDS = 0
(1-2*DSIGN)*(DAC[7:0]/255)*(V
MID/2 + V MID/4*DACRNG)
analo g
-
D
1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
D
2
CDS, DAC[7:0], DSIGN, DACRNG, PGA[4:0]
and INVOP are set by programming internal
control registers.
CDS=1 for CDS, 0 for non-CDS
V
IN is RINP or GINP or BINP
V
RESET is V IN sampled during reset clamp
V
MID is AVDD/2
V
IN
V
3 x (4096/V FS) +2047
PGA gain
A = 0.5+(PGA[4:0]*0.25)
OUTPUT
INVERT
BLOCK
D2 = D1 if INVOP = 0
D2 =4095-D1 if INVOP = 1
Offset
DAC
+
V
2
V
1
+
+
X
TO MULTIPLEXER
FOR 8-BIT OUTPUT
Figure 8 Signal Flow Diagram
The following equations enable the user to calculate the settings required for the PGAs and offset
DACs.
INPUT SAMPLING AND REFERENCING
If CDS=1, the previously sampled reset level, VRESET, is subtracted from the input video signal VIN
(i.e. CDS operation).
V1 = VIN - VRESET
If CDS=0, the simultaneously sampled VMID is subtracted instead (i.e. non-CDS operation).
V1 = VIN - VMID
GAIN ADJUST
The signal is then multiplied by the PGA gain, approximately 0.5 to 8.25 in 32 equal gain steps.
V2 = V1 * G
= V1 * (0.5+(PGA[4:0]*0.25))
OFFSET (BLACK-LEVEL) ADJUST
The resultant signal is added to the Offset DAC output which has a range of VMID/2 (or 1.5*VMID/2 if
the DACRNG bit is set).
V3 = V2 + VDAC
= V2 + [(1-2*DSIGN) * DAC_CODE/255 * (VMID/2 + VMID/4 * DACRNG)]
ANALOGUE TO DIGITAL CONVERSION
The analogue signal is then converted to a 12-bit unsigned number. This is equivalent to a
multiplication by 4096/(VFS), where VFS = 2V .
D1 == INT{ (V3/VFS) * 4096 } + 2047
At this stage, the input to the ADC should be between -1V and +1V, so D1[11:0] should lie between
-2047 and +2048. If the input is over-range, it will be clipped to within the range (-2047,2048).
2047 is added to the ADC output, to give code 2047 for zero input signal to the ADC.
This is
equivalent to the +VMID shown in the block diagram on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com