Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8181 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Advanced Information
WM8181
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
11
CCD SCANNER
The differential nature of the WM8181 allows it to interface as easily to CCD sensors as to CIS. The
negative going video simply requires that the VINP and VINM pins are swapped over so that the
video signal is applied to VINM and the reference voltage is applied to VINP. The d.c. level of the
CCD output must lie within the input limits of the WM8181. A level shifter may be required to ensure
this. See Figure 8.
SYSTEM
ASIC
CCD
SENSOR
V
OUT
WM8181
VSMP
DOUT
MCLK
VINP
VINM
CLAMP
VREFIN
V R T
V R B
BLACK
REFERENCE
LEVEL
LEVEL
SHIFT
LEVEL SHIFT
DEPENDENT ON
V
OUT DC LEVEL
SET VOLTAGE TO MATCH
V
PP FROM SENSOR.
Figure 8 d.c. Coupled Negative Video
USING THE INTERNAL CLAMP
When using a CCD it is recommended that the designer use a.c. (capacitive) coupling between the
CCD output buffer and the input to the WM8181, shown in Figure 9. A CCD sensor has a negative
going video signal superimposed on a d.c. voltage of around 6V. The series capacitor between the
CCD buffer and the input to the WM8181 removes this large d.c. voltage while still allowing the video
signal through.
SYSTEM
ASIC
CCD
SENSOR
V
OUT
WM8181
VSMP
DOUT
MCLK
VINP
VINM
CLAMP
VREFIN
V R T
V R B
4.7k
4.7k
220n
200p
SET VOLTAGE TO MATCH
V
PP FROM SENSOR.
Figure 9 a.c. Coupled Negative Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com