Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLTS-5 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DLTS-5
Description  DATA LINE TRANSIENT SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DLTS-5 Datasheet(HTML) 1 Page - Microsemi Corporation

  DLTS-5 Datasheet HTML 1Page - Microsemi Corporation DLTS-5 Datasheet HTML 2Page - Microsemi Corporation DLTS-5 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA LINE TRANSIENT
SUPPRESSOR
S C O T TS DALE DIVISION
DLTS-5 thru DLTS-30
DESCRIPTION
APPEARANCE
This series of Transient Voltage Suppressor (TVS) devices is packaged in
a ceramic, dual-in-line, hermetically sealed package. These components
offer 15 protective devices, unidirectional or bidirectional, common buss
connections, per package. The dual-in-line is designed specifically for data
line protection, at the PC board level. TTL and MOS voltage levels are
available for protection of input/output data circuits. Microsemi also offers
numerous other TVS products to meet higher and lower power demands
and special applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Multiple TVS array
•
Ceramic dual-in-line, 16 PIN hermetic package
•
Common-buss configuration
•
Optional 100% screening for avionics grade is
available by adding MA prefix to part number for
added 100% temperature cycle -55
oC to +125oC
(10X) as well as surge (3X) and 24 hours HTRB
with post test VZ & IR (in the operating direction for
unidirectional or both directions for bidirectional)
•
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
also available by adding MQ, MX, MV, or MSP
prefixes respectively to part numbers.
•
Protects up to 15 lines
•
Provides electrically isolated protection
•
Unidirectional or Bidirectional selections
•
Voltage range of 5 V to 30 V available
•
Protects sensitive components such as IC’s,
CMOS, Bipolar, BiCMOS, ECL, DTL, T
2
L, etc.
•
Protection from switching transients & induced RF
•
Compliant to IEC61000-4-2 and IEC61000-4-4 for
ESD and EFT protection respectively
•
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
500 Watts Peak Pulse Power/Position @ 8x20
μs
(see figure 1 and 2)
•
tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
•
Operating and Storage temperatures: -55
oC to
+150
oC.
•
Forward Surge Rating: 10 Amps, 1/120 sec. @ 25
oC
(unidirectional)
•
Repetition Rate (duty cycle): .01%
•
CASE: Ceramic, 16 pin dual-in-line (.300” row
spacing)
•
POLARITY: Pin No. 1 marked with a flag on lead
and a dot on top of package.
•
MARKING: Body marked with part number
•
WEIGHT: 3.5 grams (approximate)
Microsemi
Scottsdale Division
Page 1
Copyright
© 2009
1-08-09 REV B, SA4-35
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - DLTS-5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
DLTS-5A MICROSEMI-DLTS-5A Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
More results

Similar Description - DLTS-5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
DMA12 MICROSEMI-DMA12 Datasheet
175Kb / 2P
IGBTVSTM AC LINE TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SDA004 DIODES-SDA004 Datasheet
93Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 4 - 2
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Diodes Incorporated
SDA004 DIODES-SDA004_08 Datasheet
147Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
DLPA004 DIODES-DLPA004 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS31593 Rev. 4 - 2
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
Diodes Incorporated
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
DATA BUS TRANSIENT SUPPRESSOR
Rev 9
DLPA004 DIODES-DLPA004_15 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
Rev erse
logo
STMicroelectronics
ESDALC12-1T2 STMICROELECTRONICS-ESDALC12-1T2 Datasheet
211Kb / 11P
Single line transient surge voltage suppressor (TVS) for data and power line
13-Jun-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com