Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8706 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8706 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
WM8706
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
9
DEVICE DESCRIPTION
INTRODUCTION
The WM8706 is a high performance DAC designed for digital consumer audio applications. Its
range of features make it ideally suited for use in DVD players, AV receivers and other high end
consumer audio equipment.
The WM8706 is a complete 2-channel stereo audio digital-to-analogue converter, including
digital interpolation filter, multi-bit sigma delta with dither, and switched capacitor multi-bit
stereo DAC and output smoothing filters. The WM8706 includes an on-board digital volume
control, configurable digital audio interface and a 3 wire MPU control interface. It is fully
compatible and an ideal partner for a range of industry standard microprocessors, controllers
and DSPs.
Control of internal functionality of the device is by either hardware control (pin programmed) or
software control (3-wire serial control interface). The MODE pin selects between hardware and
software control. The software control interface may be asynchronous to the audio data
interface. Control data will be re-synchronised to the audio processing internally.
Operation using master clocks of 256fs, 384fs, 512fs or 768fs is provided, selection between
clock rates being automatically controlled in hardware mode, or serial controlled when in
software mode. Sample rates (fs) from less than 8ks/s to 96ks/s are allowed, provided the
appropriate master clock is input. Support is also provided for up to 192ks/s using a master
clock of 128fs or 192fs.
The audio data interface supports right, left and I
2S (Philips left justified, one bit delayed)
interface formats along with a highly flexible DSP serial port interface. When in hardware mode,
the three serial interface pins become control pins to allow selection of input data format type
(I
2S or right justified), input word length (16, 20, or 24-bit) and de-emphasis functions.
The device is packaged in a small 28-pin SSOP and is a pin-compatible alternative to the
WM8716.
CLOCKING SCHEMES
In a typical digital audio system there is only one central clock source producing a reference
clock to which all audio data processing is synchronised. This clock is often referred to as the
audio system’s Master Clock. The external master system clock can be applied directly through
the XTI input pin with no software configuration necessary for sample rate selection.
Note that on the WM8706, XTI is used to derive clocks for the DAC path. The DAC path
consists of DAC sampling clock, DAC digital filter clock and DAC digital audio interface timing.
In a system where there are a number of possible sources for the reference clock it is
recommended that the clock source with the lowest jitter be used to optimise the performance
of the DAC.
DIGITAL AUDIO INTERFACE
Audio data is applied to the internal DAC filters via the Digital Audio Interface. 5 popular
interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Early mode
•
DSP Late mode
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits. The
exception is that 32 bit data is not supported in right justified mode. DIN and LRCIN are
sampled on the rising, or falling edge of BCKIN depending on the format selected.
In left justified, right justified and I
2S modes, the digital audio interface receives data on the DIN
input. Audio Data is time multiplexed with LRCIN indicating whether the left or right channel is
present. LRCIN is also used as a timing reference to indicate the beginning or end of the data
words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com