Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTS30A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LDTS30A
Description  HEAVY DUTY (LOAD DUMP) TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LDTS30A Datasheet(HTML) 1 Page - Microsemi Corporation

  LDTS30A Datasheet HTML 1Page - Microsemi Corporation LDTS30A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HEAVY DUTY (LOAD DUMP) TRANSIENT
VOLTAGE SUPPRESSOR
SCOTTSD A L E DIVISION
LDTS14 thru LDTS48A
DESCRIPTION
APPEARANCE
This LDTS series is used in automotive and vehicular applications where
further protection may be required for load-dump and field-decay transients.
This type of protection is needed when the battery is disconnected while
the engine and alternator are still operating. This produces prolonged
severe transients requiring additional transient voltage suppressor design
considerations beyond those ratings specified for other conventional TVS
components.
TO-3
(TO-204AD)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Unidirectional TVS series for DC power applications
•
Low Clamping ratio
•
Working voltage (VWM) range of 14 volts to 48 volts
•
Hermetically sealed TO-3 package
•
Low thermal resistance
•
Dissipates heat from prolonged transients
•
Consult factory for other package options including
surface mount
•
LDTS 14 Series – Designed for a standard 12 volt
power system.
•
LDTS 24 Series – Designed for a standard 12 volt
power system capable of sustaining a 24 volt
(double voltage) jump start.
•
LDTS 30 Series – Designed for a standard 24 volt
power system.
• LDTS 48 Series – Designed for a standard 24 volt
power system capable of sustaining a 48 volt
(double voltage) jump start.
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
3000 Watts of Peak Pulse Power dissipation at 50 ms
(see Figure 1)
•
tclamping (0 volts to V(BR) min.): Less than 100 pico
seconds (theoretical)
•
Storage temperature: -50
oC to +200oC
•
Operating temperature: -50
oC to 175oC (Figure 3)
•
Forward surge rating: 200 amps, 8.3ms at 25
oC
•
Steady state power dissipation: 50 watts, TC = 25
oC
•
Thermal resistance: Less than 1
oC/W
•
Repetition Rate (duty cycle): 0.1%
•
CASE: Industry standard TO-3 (TO-204AD)
hermetically sealed, .052 inch diameter pins.
•
FINISH: All external surfaces are corrosion
resistant and terminals solderable.
•
POLARITY: Standard polarity anode to case.
•
WEIGHT: 15 grams (approx.).
•
MOUNTING HARDWARE: Consult factory for
optional insulator and sheet metal screws
•
See package dimensions on last page
ELECTRICAL CHARACTERISTICS
MICROSEMI
PART
NUMBER
REVERSE
STANDOFF
VOLTAGE
VWM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
V(BR)
@ 20mA
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
VC
VOLTS
MAXIMUM
SURGE
CURRENT
(FIG. 2)
@ IPP
AMPS
MAXIMUM
REVERSE
CURRENT
@ VWM
ID
µA
MAXIMUM
VOLTAGE
TEMP.
VARIATION
VBR
mV/C
LDTS 14
LDTS 14A
14.0
14.0
16.0
16.0
26.0
23.5
115.5
128.0
100.0
100.0
19.0
17.0
LDTS 24
LDTS 24A
24.0
24.0
26.5
26.5
43.0
39.0
70.0
77.0
100.0
100.0
31.0
29.0
LDTS 30
LDTS 30A
30.0
30.0
33.0
33.0
54.0
48.5
56.0
62.0
100.0
100.0
39.0
36.0
LDTS 48
LDTS 48A
48.0
48.0
53.0
53.0
86.0
78.0
34.0
38.0
100.0
100.0
55.0
50.0
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-12-03 REV A


Similar Part No. - LDTS30A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LDTS30A MICROSEMI-LDTS30A Datasheet
68Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - LDTS30A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Maxim Integrated Produc...
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
logo
Diodes Incorporated
ALS5W10A DIODES-ALS5W10A Datasheet
547Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS6W10A DIODES-ALS6W10A Datasheet
717Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS8W10A DIODES-ALS8W10A Datasheet
516Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Oct-2021 REV-8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com