Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8722 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8722
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8722 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8722 Datasheet HTML 23Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Advanced Information
WM8722
WOLFSON MICROELECTRONICS LTD
AI Rev 1.5 May 2000
21
SQR
The WM8722 can generate three different tone types. The default setting is a sinusoidal tone.
Square waves are generated by setting the SQR bit.
F2F
A two-tone output that generates one cycle at the chosen frequency, followed by two cycles at twice
that frequency can be selected by setting the F2F bit. This facility may be used in sine or square
wave modes.
SYSTEM DIAGRAM
STORAGE
(HDD)
VIDEO
DAC
DIGITAL
DECODER
MEDIA
FRONT END
HOME
CONNECTIVITY
SYSTEM
CLOCKS
WM8722
AUDIO
DAC
AMPLIFIER
VIDEO OUT
TONE
GENERATOR
OUTPUT
MONO AUDIO
OUTPUT
(OPTIONAL)
L
R
L
R
VARIABLE LEVEL
AUDIO OUTPUT (TV)
LINE LEVEL AUDIO
OUTPUT (VCR)
HEADPHONE
OUT
MIC OR
ANALOGUE
INPUT
Figure 10. Digital Set Top Box Application
The WM8722 is a complete audio sub-system designed for digital set top box applications. A typical
application might require audio outputs to be routed to a VCR and television. The WM8722 allows
the user to control the output audio level being sent to the television whilst maintaining a constant
volume level to the VCR. The on-board tone generator can be programmed to provide a audible
warning signal from the set top box to the television outputs without appearing on the line level
outputs. The WM8722 can also directly generate a mono signal for UHF outputs.
The WM8722 contains a stereo analogue input. This signal can be routed or mixed together onto the
line and variable outputs. It can be used to control the volume level of an audio output from another
audio source such as a games machine or additional set top box. Alternatively, it could be used to
provide a karaoke input from a digital effects processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com