Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1544J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG1544J
Description  LOW-VOLTAGE SUPERVISORY CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1544J Datasheet(HTML) 2 Page - Microsemi Corporation

  SG1544J Datasheet HTML 1Page - Microsemi Corporation SG1544J Datasheet HTML 2Page - Microsemi Corporation SG1544J Datasheet HTML 3Page - Microsemi Corporation SG1544J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Note 1. Values beyond which damage may occur.
Note 2. At higher input voltages, a dissipation limiting resistor, R
G , is required. See Figure 1.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Indicator Output Sink Current ..........................................
Operating Junction Temperature
Hermetic (J Package) ..................................................
Plasitc (N, DW Packages) .......................................
Storage Temperature Range ............................
50mA
150
°C
150
°C
-65
°C to 150°C
Input Supply Voltage (+V
IN ) ................................................
Sense Inputs ......................................................................
SCR Trigger Current (Note 2) .........................................
Indicator Output Voltage .....................................................
40V
+V
IN
300mA
40V
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
25°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 70°C/W
N Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
60°C/W
DW Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
90°C/W
Input Supply Voltage (+V
IN ) ....................................
Current Limit Common Mode
Input Voltage Range .......................................
Reference Load Current ...........................................
Indicator Output Voltage ........................................
Indicator Output Current ...........................................
4.7V to 40V
0V to +V
IN -3V
0 to 10mA
4.7V to 40V
0 to 10mA
Delay Timing Capcitor (Note 4) .....................................
Operating Ambient Temperature Range
SG1544 .........................................................
SG2544 ...........................................................
SG3544 ..............................................................
0 to 1
µF
-55
°C to 125°C
-25
°C to 85°C
0
°C to 70°C
Note 3: Range over which the device is functional.
Note 4. Larger value capacitor may be used with peak current limiting. See Figure 1.
RECOMMENDED OPERATING CONDITIONS (Note 3)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG1544 with -55
°C ≤ T
A ≤ 125°C,
SG2544 with
-25
°C ≤ T
A ≤ 85°C, SG3544 with 0°C ≤ TA ≤ 70°C, and +VIN = 10V. Indicator outputs have 2kΩ pull-up resistors. All electrical ratings and specifications
are tested with the inverting over-voltage input and the non-inverting under-voltage input externally connected to the 2.5V reference. Low duty cycle
testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
7
40
40
10
4.5
4.7
Supply Section
T
J = 25°C to TMAX
+V
IN = 40V, Outputs open
Input Voltage Range
Supply Current
SG3544
SG1544/2544
Units
Test Conditions
Parameter
2.50
1
1
25
.005
2.48
2.45
12
Reference Section
T
J = 25°C
+V
IN = 5 to 30V
I
REF = 0 to 10mA
V
REF = 0V
Output Voltage
Line Regulation
Load Regulation
Short Circuit Current
Temperature Stability
V
V
mV
mV
mA
%/
°C
V
V
mA
40
40
10
7
4.5
4.7
Min. Typ. Max.
Min. Typ. Max.
2.55
2.60
5
10
40
2.50
1
1
25
.005
2.45
2.40
12
2.52
2.55
5
10
40
THERMAL DATA
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
RoHS Peak Package Solder Reflow (40 sec. max. exp.)...260°C (+0, -5)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com