Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8731 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
WM8731
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 February 2001
11
POWER CONSUMPTION
CURRENT CONSUMPTION
MODE
DESCRIPTION
MIN
TYP
MAX
UNITS
Record and Playback
All active
0
000
0000
13
TBD
mA
Oscillator disabled
0
010
0000
12
mA
Oscillator and
CLKOUT disabled,
No microphone
0
110
0010
11
mA
Playback Only
Playback Only
0
000
0111
7
TBD
mA
Playback Only
Oscillator and
CLKOUT disabled
0
110
0111
6
mA
Record Only
Record Only
0
001
1000
9
mA
Line Record Only
0
001
1010
8
mA
Record Only,
Oscillator disabled
0
011
1010
7
mA
Microphone Record
Only,
0
001
1001
9
mA
Microphone Record
Only, Oscillator
disabled
0
011
1001
8
mA
Side Tone
Microphone to
Headphone Out
0
000
1101
3
mA
Microphone to
Headphone Out,
Oscillator disabled
0
010
1101
2
mA
Analogue Bypass
Line In to Line Out
0
000
1110
3
mA
Line In to Line Out,
Oscillator disabled
0
010
1110
2
mA
Standby
Standby
0
001
1111
1.5
TBD
mA
Standby, Oscillator
and CLKOUT
disabled
0
111
1111
0.05
mA
Power Down
Power Down
10
0
X
1
1
X
X
1.5
mA
Power Down,
Oscillator and
CLKOUT disabled
1
1
1
X
1
1
X
X
0.01
TBD
mA
Table 1 Powerdown Mode Current Consumption Examples
Notes:
1.
AVDD, HPVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC. Slave Mode, fs = 48kHz,
XTI/MCLK = 256fs (12.288MHz).
2.
All figures are quiescent, with no signal.
3.
The power dissipation in the headphone itself not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com