Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8816 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WM8816
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.1 September 2000
10
RECOMMENDED EXTERNAL COMPONENTS
C1
RIN
+5V DC
+
C2
RMO
RIGHT CHANNEL
INPUT
1
DVDD
DGND
AVDD
AGND
16
7
11
WM8816
C3
Micro
Controller
CSB
DATA
CCLK
MUTEB
6
9
10
8
+
-
RFO
RGND
15
14
13
12
LIN
LMO
LEFT CHANNEL
INPUT
+
-
LFO
LGND
2
3
4
5
+18V
+18V
-18V
-18V
Note: Connect signal ground and non-inverting opamp input together on the PCB
Figure 5 Typical Application
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
220nF
Analogue Supply Decoupling
C2
220nF
Digital Supply Decoupling
C3
10
µF
General Supply Decoupling
Table 3 Recommended External Components Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com