Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9707 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM9707
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM9707 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 30Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
WM9707
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
26
VENDOR SPECIFIC GAIN CONTROL REGISTERS – (INDEX 72h)
This register controls the gain and mute functions applied to the mixer path. This PGA is not
accommodated in the Intel specification, but is required in order to allow the option of simultaneous
recording of the mixer output and playback of DAC signals. The function is as per the other mixer
PGA’s. However, the default value of the register is not-muted. If it is not used it will be transparent to
the user.
VENDOR ID REGISTERS (INDEX 7Ch TO 7Eh)
This register is for specific vendor identification if so desired. The ID method is Microsoft’s Plug and
Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7 to S0, and
the third T7 to T0. These three characters are ASCII encoded. The REV7 to REV0 field is for the
Vendor Revision number. In the WM9707 the vendor ID is set to WML3.
Wolfson is a registered Microsoft Plug and Play vendor.
VENDOR ID REGISTERS (INDEX 74h)
This register describes how data is mapped to the AC’97 DACs. Register 74h can be used to change
the incoming DAC data slots that are used by the on-board DACs. This allows software control of
multiple codecs.
SURROUND SOUND
DSS1, DSS0
PCM OUT LEFT
PCM OUT RIGHT
00
3
4
01
7
8
1X
6
9
Table 15 Vendor ID Registers - Reg 74 [1:0]
SURROUND SOUND
ASS1, ASS0
PCM IN LEFT
PCM IN RIGHT
00
3
4
01
7
8
1X
6
9
Table 16 Vendor ID Registers – Reg 74 [9:8]
This register describes how data is mapped onto the AC-link. Register 74h can be used to map ADC
data onto multiple AC-link slots under software control.
This allows the user to connect multiple codecs to a host controller using a single AC-link interface.
The volume control register is still 02h and the rate register is 2Ch. The ID pins have no effect on this
mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com