Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS709 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS709
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS709 Datasheet HTML 1Page - Allegro MicroSystems ACS709 Datasheet HTML 2Page - Allegro MicroSystems ACS709 Datasheet HTML 3Page - Allegro MicroSystems ACS709 Datasheet HTML 4Page - Allegro MicroSystems ACS709 Datasheet HTML 5Page - Allegro MicroSystems ACS709 Datasheet HTML 6Page - Allegro MicroSystems ACS709 Datasheet HTML 7Page - Allegro MicroSystems ACS709 Datasheet HTML 8Page - Allegro MicroSystems ACS709 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACS709
Description
The Allegro® ACS709 current sensor IC provides economical
and precise means for current sensing applications in industrial,
automotive, commercial, and communications systems. The
device is offered in a small footprint surface mount package
that allows easy implementation in customer applications.
TheACS709 consists of a precision linear Hall sensor integrated
circuit with a copper conduction path located near the surface
of the silicon die. Applied current flows through the copper
conduction path, and the analog output voltage from the Hall
sensor IC linearly tracks the magnetic field generated by the
applied current. The accuracy of the ACS709 is maximized
with this patented packaging configuration because the Hall
element is situated in extremely close proximity to the current
to be measured.
High level immunity to current conductor dV/dt and stray
electric fields, offered by Allegro proprietary integrated shield
technology, guarantees low output ripple and low offset drift
in high-side applications.
The voltage on the Overcurrent Input (VOC pin) allows
customers to define an overcurrent fault threshold for the
device.Whenthecurrentflowingthroughthecopperconduction
path (between the IP+ and IP– pins) exceeds this threshold,
ACS709-DS
Features and Benefits
▪ Industry-leading noise performance with 120 kHz
bandwidth through proprietary amplifier and filter
design techniques
▪ Integrated shield greatly reduces capacitive coupling
from current conductor to die due to high dV/dt, and
prevents offset drift in high-side applications
▪ Small footprint surface mount QSOP24 package
▪ 2100 VRMS isolation voltage between primary current
path and sensor IC electronics
▪ 1.1 mΩ primary conductor resistance for low power loss
▪ User-settable Overcurrent Fault level
▪ Overcurrent Fault signal typically responds to an
overcurrent condition in < 2 μs
▪ Filter pin capacitor sets analog signal bandwidth
▪ ±2% typical output error
▪ 3 to 5.5 V, single supply operation
▪ Factory trimmed sensitivity, quiescent output voltage,
and associated temperature coefficients
▪ Chopper stabilization results in extremely stable
quiescent output voltage
▪ Ratiometric output from supply voltage
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
Continued on the next page…
Typical Application
RH, RL Sets resistor divider reference for VOC
CF
Noise and bandwidth limiting filter capacitor
COC
Fault delay setting capacitor, 22 nF maximum
A
Use of capacitor required
B
Use of resistor optional
Package: 24 pin QSOP (suffix LF)
Approximate Scale
1
2
3
4
5
6
7
8
9
10
11
12
IP+
IP+
IP+
IP+
IP+
IP+
IP–
IP–
IP–
IP–
IP–
IP–
22
21
20
19
18
17
16
15
NC
NC
FAULT_EN
VOC
VCC
FAULT
VIOUT
FILTER
VZCR
GND
NC
NC
ACS709
0.1 μF
COC
CF
330 kΩ
1 nF
VIOUT
Fault_EN
VCC
RH
RL
IP
B
A
24
23
14
13


Similar Part No. - ACS709

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS709 ALLEGRO-ACS709 Datasheet
482Kb / 17P
High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
High-Bandwidth, Fast Fault Response Current Sensor IC
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
More results

Similar Description - ACS709

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
logo
Seoul Semiconductor
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
Thermally Enhanced Package Design
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
Thermally Enhanced Package Design
logo
Allegro MicroSystems
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
High-Bandwidth, Fast Fault Response Current Sensor IC
logo
Seoul Semiconductor
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
Thermally Enhanced Package Design
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
Current Sensor IC in VA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com