Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1644J/DESC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1644J/DESC
Description  DUAL HIGH SPEED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1644J/DESC Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1644J/DESC Datasheet HTML 1Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 2Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 3Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 4Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 5Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 6Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 7Page - Microsemi Corporation SG1644J/DESC Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 1.2a 3/18/2005
Microsemi Inc.
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
SG1644/SG2644/SG3644
FEATURES
••••• Totem pole outputs with 3.0A peak current
capability.
••••• Supply voltage to 22V.
••••• Rise and fall times less than 25ns.
••••• Propagation delays less than 20ns.
••••• Non-inverting high-speed high-voltage Schottky
logic.
••••• Efficient operation at high frequency.
••••• Available in:
8 Pin Plastic and Ceramic DIP
14 Pin Ceramic DIP
16 Pin Plastic S.O.I.C.
20 Pin LCC
TO-99
TO-66
HIGH RELIABILITY FEATURES - SG1644
♦
♦
♦
♦
♦ Available to MIL-STD-883
♦
♦
♦
♦
♦ Radiation data available
♦
♦
♦
♦
♦ LMI level "S" processing available
DESCRIPTION
The SG1644, 2644, 3644 is a dual non-inverting monolithic high
speed driver. This device utilizes high voltage Schottky logic to
convert TTL signals to high speed outputs up to 18V. The totem
pole outputs have 3A peak current capability, which enables them
to drive 1000pF loads in typically less than 25ns. These speeds
make it ideal for driving power MOSFETs and other large capaci-
tive loads requiring high speed switching.
In addition to the standard packages, Silicon General offers the 16
pin S.O.I.C. (DW-package) for commercial and industrial applica-
tions, and the Hermetic TO-66 (R-package) for military use.
These packages offer improved thermal performance for applica-
tions requiring high frequencies and/or high peak currents.
DUAL HIGH SPEED DRIVER
6.5V
V
REG
V
CC
2.5K
INV. INPUT
OUTPUT
3K
3K
POWER
GND
LOGIC
GND
(Substrate)
EQUIVALENT CIRCUIT SCHEMATIC


Similar Part No. - SG1644J/DESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1644J/DESC MICROSEMI-SG1644J/DESC Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
More results

Similar Description - SG1644J/DESC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS0026 NSC-DS0026 Datasheet
184Kb / 8P
Dual High-Speed MOS Driver
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
DUAL HIGH-SPEED FET DRIVER
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com