Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1844F/DESC Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG1844F/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844F/DESC Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button SG1844F/DESC Datasheet HTML 2Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 3Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 9Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
Copyright © 2000
Rev. 1.6c
6
P RODUCTION D ATA S HEET
GRAPH / CURVE INDEX
Characteristic Curves
FIGURE #
1.
DROPOUT VOLTAGE vs. TEMPERATURE
2.
OSCILLATOR TEMPERATURE STABILITY
3.
CURRENT SENSE TO OUTPUT DELAY vs. TEMPERATURE
4.
START-UP CURRENT vs. TEMPERATURE
5.
REFERENCE VOLTAGE vs. TEMPERATURE
6.
START-UP VOLTAGE THRESHOLD vs. TEMPERATURE
7.
START-UP VOLTAGE THRESHOLD vs. TEMPERATURE
8.
OSCILLATOR DISCHARGE CURRENT vs. TEMPERATURE
9.
OUTPUT SATURATION VOLTAGE vs. OUTPUT CURRENT AND
TEMPERATURE (SINK TRANSISTOR)
10. CURRENT SENSE THRESHOLD vs. ERROR AMPLIFIER OUTPUT
11. OUTPUT SATURATION VOLTAGE vs. OUTPUT CURRENT AND
TEMPERATURE (SOURCE TRANSISTOR)
FIGURE INDEX
Application Information
FIGURE #
12. OSCILLATOR TIMING CIRCUIT
13. OSCILLATOR FREQUENCY vs. R
T FOR VARIOUS CT
Typical Applications Section
FIGURE #
14. CURRENT SENSE SPIKE SUPPRESSION
15. MOSFET PARASITIC OSCILLATIONS
16. BIPOLAR TRANSISTOR DRIVE
17. ISOLATED MOSFET DRIVE
18. ADJUSTABLE BUFFERED REDUCTION OF CLAMP LEVEL WITH
SOFTSTART
19. EXTERNAL DUTY CYCLE CLAMP AND MULTI-UNIT
SYNCHRONIZATION
20. OSCILLATOR CONNECTION
21. ERROR AMPLIFIER CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com