Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2098F Datasheet(PDF) 7 Page - Rohm

Part # BU2098F
Description  Serial / Parallel 2-input Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2098F Datasheet(HTML) 7 Page - Rohm

Back Button BU2098F Datasheet HTML 3Page - Rohm BU2098F Datasheet HTML 4Page - Rohm BU2098F Datasheet HTML 5Page - Rohm BU2098F Datasheet HTML 6Page - Rohm BU2098F Datasheet HTML 7Page - Rohm BU2098F Datasheet HTML 8Page - Rohm BU2098F Datasheet HTML 9Page - Rohm BU2098F Datasheet HTML 10Page - Rohm BU2098F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BU2098F, BU2090F, BU2090FS
Technical Note
7/12
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
○
Write DATA
Send the stave address from master following the start condition (S). This address consists of 7 bits. The left 1 bit (the foot
bit) is fixed “0”. The stop condition (P) is needed to finish the data transferred. But the re-send starting condition (Sr)
enables to transfer the data without STOP (P).
Fig.4 DATA transmit
○
Data format
The format is following.
Table 1 for WRITE format
Slave address
A0~A2
Each bit can be defined by the input levels of pins A0~A3.
A3~A6
These 4 bits are fixed.
R/W
“0”
Write Data
D0~D7
Write “1” to D0 makes Q0 pin High-impedance. And write “0” makes Q0 pin
LOW. D[1:7] and Q[1:7] are same as D0 and Q0.
Table 2 for (A2, A1, A0) to SLAVE ADDRESS
A6
A5
A4
A3
A2
A1
A0
Slave address
0
1
1
1
0
0
0
38H
0
1
1
1
0
0
1
39H
0
1
1
1
0
1
0
3AH
0
1
1
1
0
1
1
3BH
0
1
1
1
1
0
0
3CH
0
1
1
1
1
0
1
3DH
0
1
1
1
1
1
0
3EH
0
1
1
1
1
1
1
3FH
S
slave address
R/W
ACK
DATA
ACK
P
S
slave address
R/W
ACK
DATA
ACK
Sr
slave address
R/W
ACK
DATA
ACK
P
S
A6
A5
A4
A3
A2
A1
A0
R/W ACK
D6
D5
D4
D3
D2
D1
D0
D7
ACK
P
SLAVE ADDRESS
WRITE DATA
Fixed for BU2098F
Defined by external pin A0~A2
“0” (Write)
“0” (Write)
“0” (Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com