Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2152FS Datasheet(PDF) 19 Page - Rohm

Part # BU2152FS
Description  Serial / Parallel 4-input Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 19 Page - Rohm

Back Button BU2152FS Datasheet HTML 15Page - Rohm BU2152FS Datasheet HTML 16Page - Rohm BU2152FS Datasheet HTML 17Page - Rohm BU2152FS Datasheet HTML 18Page - Rohm BU2152FS Datasheet HTML 19Page - Rohm BU2152FS Datasheet HTML 20Page - Rohm BU2152FS Datasheet HTML 21Page - Rohm BU2152FS Datasheet HTML 22Page - Rohm BU2152FS Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
19/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
【
BU2152FS】
●
Pin descriptions
Pin
No.
Pin Name
I/O
Function
1
VSS
-
Ground
2
CLK
I
Clock Input
3
VSS
-
Ground
4
DATA
I
Serial Data Input
5~28
P1~P24
O
Parallel Data Output
29
SO
O
Cascade Output
30
STB
I
Strobe Signal Input active “L”
31
CLB
I
Clear Signal Input active “L”
32
VDD
-
Power Supply
●
Timing chart
Fig. 18
1.
After the power is turned on and the voltage is stabilized, STB should be activated, after clocking 24 data bits into
the DATA terminal.
2.
Pn parallel output data of the shift register is set after the 24
th clock by the LCK.
3.
Since the STB is a label latch, data is retained in the “H” section and renewed in the “L” section of the STB.
4.
The final stage data of the shift register is outputted to the SO by synchronizing with the rise time of the CLOCK.
[
Truth Table]
Input
Function
CLK
STB
CLB
×
×
L
All the data of the latch circuit are set to “H” (data of shift register does not
change), all the parallel outputs are “H”.
H
H
Serial data of DATA pin are latched to the shift register.
At this time, the data of the latch circuit does not change.
L
L
H
The data of the shift register are transferred to the latch circuit, and the data of
the latch circuit are outputted from the parallel output pin.
H
The data of the shift register shifts 1bit, and the data of the latch circuit and
parallel output also change.
CLK
STB
DATA
DATA24
DATA23
DATA22
DATA2
DATA1
SO
Previous
DATA24
Previous
DATA23
Previous
DATA2
DATA24
Previous
DATA1
DATA23
DATA22
Pn
Previous DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com