Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4070F Datasheet(PDF) 7 Page - Rohm

Part # BU4070F
Description  High Voltage CMOS Logic ICs Gate>
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4070F Datasheet(HTML) 7 Page - Rohm

Back Button BU4070F Datasheet HTML 3Page - Rohm BU4070F Datasheet HTML 4Page - Rohm BU4070F Datasheet HTML 5Page - Rohm BU4070F Datasheet HTML 6Page - Rohm BU4070F Datasheet HTML 7Page - Rohm BU4070F Datasheet HTML 8Page - Rohm BU4070F Datasheet HTML 9Page - Rohm BU4070F Datasheet HTML 10Page - Rohm BU4070F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
7 / 21
6
●
Electrical Characteristics(BU4093B)(Unless otherwise noted, VSS=0V, Ta=25℃, CL=50pF)
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Input “H” voltage
VIH
3.5
-
-
V
5
-
37
7.0
-
-
10
38
11.0
-
-
15
39
Input “L” voltage
VIL
-
-
1.5
V
5
-
37
-
-
3.0
10
38
-
-
4.0
15
39
Input “H” current
IIH
-
-
0.3
μA
15
VIH=15[V]
-
Input “L” current
IIL
-
-
-0.3
μA
15
VIL=0[V]
-
Output “H” voltage
VOH
4.95
-
-
V
5
IO=0[mA]
37
9.95
-
-
10
38
14.95
-
-
15
39
Output “L” voltage
VOL
-
-
0.05
V
5
IO=0[mA]
37
-
-
0.05
10
38
-
-
0.05
15
39
Output “H” current
IOH
-0.44
-
-
mA
5
VOH=4.6[V]
40
-1.1
-
-
10
VOH=9.5[V]
-3.0
-
-
15
VOH=13.5[V]
Output “L” current
IOL
0.44
-
-
mA
5
VOL=0.4[V]
41
1.1
-
-
10
VOL=0.5[V]
3.0
-
-
15
VOL=1.5[V]
Static supply current
IDD
-
-
1
μA
5
VI=VDD or GND
-
-
-
2
10
-
-
4
15
Hysteresis voltage
VH
0.17
-
0.39
μA
5
-
-
0.25
-
0.60
10
0.33
-
0.90
15
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Output rising time
tTLH
-
100
-
ns
5
-
42
-
50
-
10
-
40
-
15
Output falling time
tTHL
-
100
-
ns
5
-
43
-
50
-
10
-
40
-
15
“L” to ”H”
Propagation delay time
tPLH
-
125
-
ns
5
-
44
-
50
-
10
-
40
-
15
“H” to ”L”
Propagation delay time
tPHL
-
125
-
ns
5
-
45
-
50
-
10
-
40
-
15
Input capacitance
CIN
-
5
-
pF
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com