Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6T2 Datasheet(PDF) 1 Page - Rohm

Part # VT6T2
Description  Power management (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6T2 Datasheet(HTML) 1 Page - Rohm

  VT6T2 Datasheet HTML 1Page - Rohm VT6T2 Datasheet HTML 2Page - Rohm VT6T2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.A
(6)
(5)
(4)
(1)
(3)
(2)
Tr2
Tr1
(1) Emitter
(2) Base
(3) Collector
(4) Emitter
(5) Base
(6) Collector
(Tr1)
(Tr1)
(Tr2)
(Tr2)
(Tr2)
(Tr1)
Power management (dual transistors)
VT6T2
Structure
Dimensions (Unit : mm)
PNP silicon epitaxial planar transistor
Features
Very small package with two transistors.
Applications
Switch, LED driver
Packaging specifications
inner circuit
Package
Code
Taping
Basic ordering
unit (pieces)
T2R
8000
VT6T2
Type
Absolute maximum ratings (Ta=25
°C)
Symbol
Limits
Unit
VCBO
−50
V
−50
V
V
VCEO
VEBO
−5
mA
−200
IC
ICP
mA
−100
Tj
150
°C
Tstg
−55 to +150
°C
PD
120
150
mW
mW
∗1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Power dissipation
∗1 Pw=1mS Single pulse
∗2 Each terminal mounted on a recommended land
Parameter
Total
Element
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
−50
−50
−5
−
−
−
−
−
−
−
−
−
−
300
−0.15
2
−
−
−
−0.1
−0.1
−0.40
−
−
V
V
V
µA
µA
V
MHz
pF
IC
=
−50µA
IC
=
−1mA
IE
=
−50µA
VCB
=
−50V
VEB
=
−5V
IC
=
−50mA, IB= −5mA
hFE
120
−
560
−
VCE
=
−10V, IE=10mA, f=100MHz
VCE
=
−6V, IC= −1mA
VCB
=
−10V, IE=0A, f=1MHz
Output capacitance
Transition frequency
Collector-emitter saturation voltage
Emitter cut-off current
Collector cut-off current
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base breakdown voltage
DC current gain
1.2 ± 0.1
0.8 ± 0.1
0.4
0.4
0.16 ± 0.05
0 ~ 0.05
0.13 ± 0.05
(1)
(3)
(2)
0.5 ± 0.1
Each lead has same dimensions.
(6)
(4)
(5)
UNIT : mm
VMT6
Abbreviated symbol : T2


Similar Part No. - VT6T2

ManufacturerPart #DatasheetDescription
logo
Rohm
VT6T2 ROHM-VT6T2 Datasheet
1Mb / 8P
General purpose transister (isolated dual transistors)
VT6T2 ROHM-VT6T2_13 Datasheet
1Mb / 8P
General purpose transister (isolated dual transistors)
More results

Similar Description - VT6T2

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
Power management (dual transistors)
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
Power management (dual transistors)
EMF8 ROHM-EMF8 Datasheet
83Kb / 5P
Power management (dual transistors)
UMY4N ROHM-UMY4N Datasheet
61Kb / 2P
Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
Power management (dual transistors)
VT6X1 ROHM-VT6X1_13 Datasheet
1Mb / 8P
Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
Power management (dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com