Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS187 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1SS187
Description  SOT-23 SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS187 Datasheet(HTML) 1 Page - Rectron Semiconductor

  1SS187 Datasheet HTML 1Page - Rectron Semiconductor 1SS187 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
*
*
*
*
Power dissipation
PD:
150 mW(Tamb=25
OC)
Forward current
IF:
100
mA
Reverse voltage
VR: 80 V
Operating and storage junction temperature range
TJ,Tstg: -55
OCto+150OC
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
1SS187
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
-
-
-
-
-
0.5
1.2
4
4
V
V
µA
pF
ns
Reverse Breakdown Voltage (IR=100µA)
Reverse voltage leakage current (VR=80V)
Forward voltage (IF=100mA)
Diode capacitance (VR=0V,f=1MHz)
Reverse recovery time
V(BR)
IR
VF
CD
trr
MAX.
-
TYP.
80
MIN.
TECHNICAL SPECIFICATION
SOT-23 SWITCHING DIODE
Dimensions in inches and (millimeters)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
3
1
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
0.047(1.20)
0.055(1.40)


Similar Part No. - 1SS187

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
128Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
188Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS187 BILIN-1SS187 Datasheet
370Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS187 KEXIN-1SS187 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS187

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1SS181 RECTRON-1SS181 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS184 RECTRON-1SS184 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS190 RECTRON-1SS190 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS193 RECTRON-1SS193 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS196 RECTRON-1SS196 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS226 RECTRON-1SS226 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
logo
Tiger Electronic Co.,Lt...
BAV70LT1 TGS-BAV70LT1 Datasheet
369Kb / 2P
SOT-23 Plastic-Encapsulate Diodes (SWITCHING DIODE)
logo
Rectron Semiconductor
BAS16V RECTRON-BAS16V Datasheet
247Kb / 4P
SOT-23 Plastic-Encapsulate Switching Diode
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
logo
Guangdong Youtai Semico...
1SS226 UMW-1SS226 Datasheet
708Kb / 3P
SWITCHING DIODE SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com