Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS357 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1SS357
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS357 Datasheet(HTML) 2 Page - Rectron Semiconductor

  1SS357 Datasheet HTML 1Page - Rectron Semiconductor 1SS357 Datasheet HTML 2Page - Rectron Semiconductor 1SS357 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
VF,FORWARD VOLTAGE(V)
1u
3u
10u
30u
100u
0.1m
0.3m
1m
3m
10m
30m
100m
300m
0.6
0.8
1.0
1.6
1.2
0.4
0.2
0
RATING AND CHARACTERISTICS CURVES ( 1SS357 )
Figure 1
VR,REVERSE VOLTAGE(V)
0
0.1n
0.3n
100n
300n
10n
30n
1n
3n
30
20
50
40
10
Figure 2
3
5
10
30
100
50
VR,REVERSE APPLIED VOLTAGE(V)
1
24
28
32
36
20
16
12
8
4
0
Figure 3
Ta=100OC
25
-25
Ta=100OC
75
50
25
0
-25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com