Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF08S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # DF08S
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF08S Datasheet(HTML) 1 Page - Won-Top Electronics

  DF08S Datasheet HTML 1Page - Won-Top Electronics DF08S Datasheet HTML 2Page - Won-Top Electronics DF08S Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF005S – DF10S
1 of 3
© 2002 Won-Top Electronics
DF005S – DF10S
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
G
!
Low Forward Voltage Drop
!
High Current Capability
!
High Surge Current Capability
-
+
!
Designed for Surface Mount Application
B
~
~
A
D
E
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
C
                  L
H
Mechanical Data
J
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
K
!
Polarity: As Marked on Case
!
Weight: 0.38 grams (approx.)
*Low profile models (J = 2.20~2.50mm) are available.
!
Mounting Position: Any
Please consult factory.
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage per element
@IF = 1.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance (Note 2)
RJA
110
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to ambient mounted on PC board with 5.0mm2 (0.03mm thick) land areas.
WTE
POWER SEMICONDUCTORS
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.009
0.25
D
0.076
0.33
E
—
10.40
G
1.02
1.53
H
8.13
8.51
J*
3.20
3.40
K
5.0
5.20
L
1.00
1.20
All Dimensions in mm


Similar Part No. - DF08S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF08S ZOWIE-DF08S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF08S JGD-DF08S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF08S SSE-DF08S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF08S FAIRCHILD-DF08S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
logo
Shanghai Lunsure Electr...
DF08S CHENYI-DF08S Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
More results

Similar Description - DF08S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Won-Top Electronics
DF005S WTE-DF005S_06 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
DF005S DIODES-DF005S_15 Datasheet
142Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 16
logo
DONGGUAN YOU FENG WEI E...
FTB1F-ABF YFWDIODE-FTB1F-ABF Datasheet
482Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS10A DIODES-ABS10A Datasheet
379Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 2
logo
Zibo Seno Electronic En...
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com