Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54WS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAT54WS
Description  Small-Signal Schottky Diodes VOLTAGE RANGE 30 Volts CURRENT 100 mAmpere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54WS Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAT54WS Datasheet HTML 1Page - Rectron Semiconductor BAT54WS Datasheet HTML 2Page - Rectron Semiconductor BAT54WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VR, REVERSE VOLTAGE (V)
VFM, FORWARD VOLTAGE DROP (V)
0
5
10
20
15
25
0.00001
0.01
0.1
0.001
0.0001
1
0
0
0.01
0.1
1
30
1
0.8
0.6
0.4
0.2
0
RATING AND CHARACTERISTICS CURVES ( BAT54WS )
Figure1 Max. Forward Voltage Drop Characteristics
Figure2 Typical Foward Characteristics
VR, REVERSE VOLTAGE(V)
IF(AV), AVERAGE FORWARD CURRENT (A)
0
1
10
0
0.1
0.2
0.3
0.4
15
10
25
30
20
5
0.3
0.2
0.1
0
Figure4 Forward Power Loss Characteristics
Figure3 Typical Capacitance vs Reverse Voltage
Tp, SQUARE WAVE PULSE DURATION (V)
0.1
1
10
10000
1000
100
10
Figure5 Max. Non-Repetitive Surge Current
TJ = 25 OC
25 OC
50 OC
75 OC
100 OC
125 OC
TJ = 150 OC
TJ = 25 OC
TJ = 125 OC
TJ = 150 OC
RMS Limit
DC
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
At Any Rated Load Condition
And With Rated Vmm Applied
Following Surge



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com