Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV16WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV16WS
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV16WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV16WS Datasheet HTML 1Page - Rectron Semiconductor BAV16WS Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast Switching Speed
* Surface Mount Package Ideally Suited for
Automatic Insertion
* For General Purpose Switching Applicationgs
* High Conductance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAV16WS
SOD-323
MAXIMUM RATINGS (@TA=25
OC unless otherwise noted)
NOTES : 1. Measured at IF=IR=10mA,IRR=0.1IR And RL=100Ω.
2. Measured at 1MHz and applied reverse voltage of 0 volts.
3. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25
OC unless otherwise noted)
2006-3
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation (Note 3)
Operating and Storage Temperature Range
SYMBOL
BAV16WS
VRM
VRMS
IFM
IFSM
PD
TJ,TSTG
VR
Volts
Volts
mAmps
300
Maximum Average Forward Rectified Current
IO
mAmps
150
2.0
1.0
200
Typical Junction Capacitance (Note 2)
CJ
2
-65 to + 150
Amps
mW
pF
Typical Reverse Recovery Time (Note 1)
Trr
4
nS
OC
UNITS
Typical Thermal Resistance
R
θJA
625
OC/W
100
Maximum Working Peak reverse Voltage
VRWM
Volts
75
Maximum Repetitive Peak Reverse Voltage
VRRM
53
CHARACTERISTICS
Maximum Instantaneous Peverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@IF=1.0mA
@VR=20V
@VR=75V
@IF=10mA
@t=1.0uS
@t=1.0S
@IF=50mA
@IF=150mA
0.715
1.25
1
0.855
1.0
25
nAmps
uAmps
BAV16WS
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)


Similar Part No. - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV16WS DIODES-BAV16WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
BAV16WS DIODES-BAV16WS Datasheet
350Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 10 - 2
logo
Won-Top Electronics
BAV16WS WTE-BAV16WS Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAV16WS TSC-BAV16WS Datasheet
54Kb / 2P
Fast Switching Surface Mount Diode
More results

Similar Description - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAW56DPT CHENMKO-BAW56DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
logo
Rectron Semiconductor
1N4148W RECTRON-1N4148W Datasheet
155Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAV16W RECTRON-BAV16W Datasheet
49Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
BAV19W RECTRON-BAV19W Datasheet
152Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com