Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC847C
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC847C Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC847C Datasheet HTML 1Page - Rectron Semiconductor BC847C Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BC847C
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
DC current gain (VCE= 5V, IC= 2mA)
Collector cut - off current (VCB= 50V, IE=0)
Collector cut - off current (VCE= 45V, IB=0)
Emitter cut - off current (VEB= 5V, IC=0)
Collector - emitter saturation voltage (IC= 100mA, IB= 5mA)
Base - emitter saturation voltage (IC= 100mA, IB= 5mA)
Transition frequency (VCE= 5V, IC= 10mA, f= 100MHZ)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
0.1
0.1
m
A
m
A
m
A
V
V
V
V
V
Collector - base breakdown voltage (IC= 10mA, IE=0)
Collector - emitter breakdown voltage (IC= 10mA, IB=0)
Emitter - base breakdown voltage (IE= 10mA, IC=0)
DEVICE MARKING
BC847C
Notes: 1. Transistor mounted on an FR4 Printed-circuit board.
1G
VCBO
VCEO
VEBO
IEBO
hFE(1)
ICBO
ICEO
VCE(sat)
VBE(sat)
fT
MAX
50
45
6
-
420
100
MIN
0.055(1.40)
0.047(1.20)
-
0.1
-
-
-
-
1.1
MHZ
0.5
800
*
*
*
*
Power dissipation
PCM :
0.225
W (Tamb=25OC) Note1
Collector current
ICM :
0.1
A
Collector-base voltage
VCBO :
50
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BASE
EMITTER
COLLECTOR
1
2
3
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.


Similar Part No. - BC847C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Transys Electronics
BC847C TRSYS-BC847C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC847C SIEMENS-BC847C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BC847C FAIRCHILD-BC847C Datasheet
394Kb / 12P
NPN General Purpose Amplifier
logo
Diodes Incorporated
BC847C DIODES-BC847C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
More results

Similar Description - BC847C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com