Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBD4148 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CMBD4148
Description  SURFACE MOUNT ZENER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBD4148 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CMBD4148 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A. NC
B. ANODE
C. CATHODE
3
2
-
T
O
S3
2
-
T
O
S
3
2
-
T
O
S
3
2
-
T
O
S3
2
-
T
O
S
(B)
(C)
(A)
(UNITS: mm)
RECTRON USA
13405 Yorba Ave, Chino, CA 91710
Tel: (909) 517-3323 Fax: (909) 517-3022 www.rectron.com
SEMICONDUCTOR
TECHNICAL SPECIFICATION
CMBD4148
RECTRON
Absolute Maximum Ratings (Ta=25
°C)
ITEMS
Symbol
Ratings
Unit
Reverse VoltageVR
75
V
Peak Current
1s / 1us
Ifsm
0.5 / 4
A
Forward Voltage
@ If = 10 mA
VF
1.0
V
Forward Current
IF
215
mA
Junction Temp.
Tj
-55 to 150
°C
Storage Temp.
Tstg
-55 to 150
°C
Mechanical Data
ITEMS
Materials
Package
SOT-23
Lead Frame
42 Alloy
Lead Finish
Solder Plating
Bond Wire
Au
Mold Resin
Epoxy
Chip
Silicon
Electrical Characteristics (Ta=25
°C)
RATINGS
SYMBOL
RATINGS
UNIT
Minimum Reverse Breakdown Voltage
IR= 100uA
VBR
100
V
Continuous Reverse Voltage
VR
75
V
Forward Voltage
IF= 10 mA
VF
1.0
V
Reverse Current
VR= 20V
VR= 75V
IR
.025
5
uA
Junction Capacitance
VR = 0 V, f = 1MHz
Cj
2
pF
Reverse Recovery Time
IF= IR= 10mA; RL= 100 ohms
trr
4
ns
Thermal Resstance (junction to ambient)
R
ΘJA
500
°C/W


Similar Part No. - CMBD4148

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBD4148 CDIL-CMBD4148 Datasheet
131Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
More results

Similar Description - CMBD4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com