Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBT2907 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CMBT2907
Description  PNP Silicon Planar Epitaxial Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBT2907 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CMBT2907 Datasheet HTML 1Page - Rectron Semiconductor CMBT2907 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
> 200
MHz
Turn-off switching time
toff
< 100
ns
-ICon = 150 mA; -IBon = IBoff = 15 mA
DC Current Gain
hFE
> 30
fT
Transition frequency at f = 100 MHz
-IC = 50 mA; -VCE = 20 V
-VCE = 10V -IC = 500mA
> 50
< 10
nA
uA
nA
< 50
< 50
60
250
600
IE = 0, -VCB = 50V, Tj=125
oC
< 20
Open emitter; -IC= 10uA, IE= 0
60
Emitter-base breakdown voltage
> 40
-VCE(Sat)
< 1.6
< 2.6
-VEB = 0.5V, -VCE = 30V
-ICEX
-VEB = 3V, -VCE = 30V
-IBEX
Saturation Voltages
Collector-base breakdown voltage
-V(BR)CBO
-V(BR)CEO
-V(BR)EBO
-VBE(Sat)
Collector-emitter breakdown voltage
mW
Storage Temperature
Tstg
UNITS
Collector Base Voltage
-VCEO
-VCBO
V
Collector Emitter Voltage
5.0
CMBT2907
CMBT2907A
60
Emitter Base Voltage
-VEBO
DESCRIPTION
SYMBOL
40
5.0
-55 to +150
150
CONDITIONS
K/W
oC
CMBT2907
CMBT2907A
500
Open collector; -IE= 10uA, IC= 0
Open base; -IC= 10mA, IB= 0
> 60
UNITS
Collector Cut Off Current
Base Current w/reverse biased emitter junction
mA
-ICBO
IE = 0, -VCB = 50V
< 20
< 10
SYMBOL
Rth(j-a)
Ptot
Tj
Collector Current
-IC
DESCRIPTION
-ICBO
Junction to Ambient in free air
Power dissipation up to Tamb = 25
oC
Thermal Characteristics
Junction Temperature
-VBE(Sat)
< 1.3
-IC = 150mA, -IB = 15mA
V
-IC = 500mA, -IB = 50mA
> 60
> 5.0
-VCE(Sat)
< 0.4
PNP Silicon Planar Epitaxial Transistors
CMBT2907
Electrical Characteristics (at Ta=25
oC unless otherwise specified)
Unit: mm
Pin configuration:
1. BASE
2. EMITTER
3. COLLECTOR
1
2
3
Absolute Maximum Ratings (Ta = 25
oC unless specified otherwise)
SOT-23 SMD Package
www.rectron.com
1 of 2


Similar Part No. - CMBT2907

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT2907 CDIL-CMBT2907 Datasheet
91Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT2907A CDIL-CMBT2907A Datasheet
91Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Rectron Semiconductor
CMBT2907A RECTRON-CMBT2907A Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
More results

Similar Description - CMBT2907

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com