Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C13 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # BZX55C13
Description  SILICON PLANAR ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX55C13 Datasheet(HTML) 4 Page - Rectron Semiconductor

  BZX55C13 Datasheet HTML 1Page - Rectron Semiconductor BZX55C13 Datasheet HTML 2Page - Rectron Semiconductor BZX55C13 Datasheet HTML 3Page - Rectron Semiconductor BZX55C13 Datasheet HTML 4Page - Rectron Semiconductor BZX55C13 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I,LEAD LENGTH(mm)
TA, AMBIENT TEMPERATURE
0
5
10
20
0
100
200
300
400
500
0
100
200
300
500
400
15
200
160
120
80
40
0
RATING AND CHARACTERISTICS CURVES ( BZX55C2V0-BZX55C75)
Figure1 Power Dissipation vs Ambient Temperature
Figure2 Thermal Resistance vs Lead Length
VZ, ZENER VOLTAGE(V)
VZ, ZENER VOLTAGE(V)
0
1
10
100
1000
0
50
100
150
200
5
15
10
20
25
25
20
15
10
5
0
Figure3 Diode Capacitance vs Zener Voltage
Figure4 Differential Zener Impedance
TJ=25
OC
VR=2V
TJ=25
OC
IZ=1mA
5mA
10mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com