Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D44H11 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # D44H11
Description  10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

D44H11 Datasheet(HTML) 3 Page - Rectron Semiconductor

  D44H11 Datasheet HTML 1Page - Rectron Semiconductor D44H11 Datasheet HTML 2Page - Rectron Semiconductor D44H11 Datasheet HTML 3Page - Rectron Semiconductor D44H11 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES (D44H and D45H Series)
Figure Maximum Rated Forward Bias
Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE, (V)
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
0.2
0.5
1.0
2.0
5.0
10
20
50
200
100
100uS
10uS
1mS
1.0uS
TJ=150OC
DC
D44H/45H8
TC < 70OC
DUTY CYCLE < 50%
D44H/45H10,11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com