Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143TKA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC143TKA
Description  SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143TKA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC143TKA Datasheet HTML 1Page - Rectron Semiconductor DTC143TKA Datasheet HTML 2Page - Rectron Semiconductor DTC143TKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES (DTC143TKA)
Figure2 Output current vs. input voltage
(OFF Characteristics)
Figure1 Input voltage vs. output current
(ON Characteristics)
IO, OUTPUT CURRENT (A)
VI(off), INPUT VOLTAGE (V)
1
2
10
50
20
500
200
100
1000
5
1m
2m
5m
10m
20m
50m
100m
200m
1
500m
100m 200m 500m 1m 2m 5m
10m 20m 50m 100m
100m 200m 500m 1m 2m 5m
10m 20m 50m 100m
TA= 100
OC
25
OC
-40
OC
TA= 100
OC
25
OC
-40
OC
VCE = 5V
IO / IB = 20
Figure3 Equivalent circuit
BASE
R1
COLLECTOR
EMITTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com