Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFM302L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FFM302L
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FFM302L Datasheet(HTML) 1 Page - Rectron Semiconductor

  FFM302L Datasheet HTML 1Page - Rectron Semiconductor FFM302L Datasheet HTML 2Page - Rectron Semiconductor FFM302L Datasheet HTML 3Page - Rectron Semiconductor FFM302L Datasheet HTML 4Page - Rectron Semiconductor FFM302L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FFM301L
THRU
FFM307L
SMCL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 4)
ypical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
C
RqJA
RqJL
J
TJ, TSTG
VRMS
FFM301L FFM302L FFM303L FFM304L FFM305L FFM306L FFM307L
FFM301L FFM302L FFM303L FFM304L FFM305L FFM306L FFM307L
UNITS
50
Volts
Volts
Volts
Amps
35
50
100
70
100
420
600
600
280
400
400
700
1000
1000
560
800
800
3.0
200
50
15
15
-55 to + 150
Amps
pF
0
C
0
C/W
200
140
200
NOTES : 1. Reverse Re
4. Thermal Resistance : Mounted on PCB.
covery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2006-12
at Rated DC Blocking Voltage
@TA = 25
oC
@TA = 100
oC
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.30
2.0
100
150
250
500
m
Amps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
SURFACE MOUNT GLASS PASSIVATED
FAST RECOVERY SILICON RECTIFIER
0.085 ( 2.15 )
0.061 ( 1.55 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.060 ( 1.52 )
0.030 ( 0.76 )
0.320 ( 8.13 )
0.305 ( 7.75 )
0.280 ( 7.11 )
0.260 ( 6.60 )
0.245 ( 6.22 )
0.220 ( 5.59 )
0.125 (3.17 )
0.115 (2.92 )


Similar Part No. - FFM302L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM302 RECTRON-FFM302 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FFM302 FORMOSA-FFM302 Datasheet
69Kb / 2P
Fast recovery type
logo
Weitron Technology
FFM302 WEITRON-FFM302 Datasheet
82Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
List of Unclassifed Man...
FFM302 ETC2-FFM302 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM302 WINNERJOIN-FFM302 Datasheet
90Kb / 2P
Fast recovery type
More results

Similar Description - FFM302L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM301 RECTRON-FFM301 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FFM101 RECTRON-FFM101 Datasheet
33Kb / 3P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101L RECTRON-FFM101L Datasheet
329Kb / 5P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM201L RECTRON-FFM201L Datasheet
337Kb / 5P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FM301L RECTRON-FM301L Datasheet
319Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FFM101B RECTRON-FFM101B Datasheet
383Kb / 8P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM301B RECTRON-FFM301B Datasheet
177Kb / 9P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FRS1AW RECTRON-FRS1AW Datasheet
117Kb / 8P
GLASS PASSIVATED SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FMSB307S RECTRON-FMSB307S Datasheet
589Kb / 7P
VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
2020-03/97 REV:A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com