Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT491 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FMMT491
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMMT491 Datasheet(HTML) 2 Page - Rectron Semiconductor

  FMMT491 Datasheet HTML 1Page - Rectron Semiconductor FMMT491 Datasheet HTML 2Page - Rectron Semiconductor FMMT491 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( FMMT491 )
Figure2 VCE(sat) vs IC
Figure4 VBE(sat) vs IC
Figure1 VCE(sat) vs IC
Ic - COLLECTOR CURRENT
Ic - COLLECTOR CURRENT
IC - COLLECTOR CURRENT
Ic - COLLECTOR CURRENT
Ic - COLLECTOR CURRENT
Figure3 hFE vs IC
0
1mA
10mA
100mA
1A
10A
1mA
10mA
100mA
1A
10A
1mA
10mA
100mA
1A
10A
1mA
10mA
100mA
1A
10A
1mA
10mA
100mA
1A
10A
0.2
0.1
0.4
0.5
0.6
0.3
0
0.2
0.1
0.4
0.5
0.6
0.3
200
300
400
100
0
0
0.8
1.0
0.2
0.4
0.6
0.01
0.1
1
10
Figure5 VBE(on) vs IC
Figure6 Safe Operating Area
V
CE - COLLECTOR-EMITTER VOLTAGE (V)
0
0.1V
1V
10V
100V
0.2
0.4
0.6
0.8
1.0
1.2
-55
OC
+25
OC
+100
OC
Ic / IB=10
Ic / IB=10
Ic / IB=10
Ic / IB=50
Vce= 5V
Vce= 5V
+25
OC
-55
OC
+25
OC
+100
OC
-55
OC
+25
OC
+100
OC
1s
DC
100ms
100us
10ms
1ms
-55
OC
+25
OC
+100
OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com