Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB151 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MB151
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MB151 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MB151 Datasheet HTML 1Page - Rectron Semiconductor MB151 Datasheet HTML 2Page - Rectron Semiconductor MB151 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MB1505
THRU
MB1510
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
RqJA
TJ, TSTG
VRMS
MB1505 MB151 MB152 MB154 MB156 MB158 MB1510
MB1505 MB151 MB152 MB154 MB156 MB158 MB1510
UNITS
50
200
600
Volts
Volts
Volts
Amps
35
50
100
70
100
700
1000
140
200
420
600
1000
560
800
800
15.0
300
16
-55 to + 150
Amps
O
C/W
RqJC
5
0
C
400
280
400
NOTES : 1. Suffix "W" for wire type.
2. Typical Thermal Resistance: Heat-sink case mounted.
2007-5
at Rated DC Blocking Voltage
@TA = 25
oC
@TA = 100
oC
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
5.0
500
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 7.5A DC
Volts
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Superior thermal desing
* 300 amperes surge rating
* 1/4" universal faston terminal
* Hole thru for #8 screw
* Epoxy
* UL listed the recongnized component director, file #94233
: Device has UL flammability classification 94V-0
MECHANICA
DISCONTINUED-
L DATA
"This series is replaced by the MP15 series that meets to the same
fit and function parameters.
The MP15 series is preferred for PCB assembly."
MB-15
MB-15W
Disc
onti
nue
d
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER


Similar Part No. - MB151

ManufacturerPart #DatasheetDescription
logo
Bytes
MB151 BYTES-MB151 Datasheet
156Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB151 DCCOM-MB151 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB151 FORMOSA-MB151 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB151 MCC-MB151 Datasheet
77Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Wing Shing Computer Com...
MB151 WINGS-MB151 Datasheet
225Kb / 2P
SINGLE - PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - MB151

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MP1505 RECTRON-MP1505 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS1001M RECTRON-RS1001M_10 Datasheet
488Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
RS1501M RECTRON-RS1501M_10 Datasheet
272Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
RS1501MLS RECTRON-RS1501MLS Datasheet
172Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
2017-05 REV: O47
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com