Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MD1
Description  SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MD1 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MD1 Datasheet HTML 1Page - Rectron Semiconductor MD1 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
FEATURES
* Surge overload rating - 30 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 0.5 gram
* Epoxy : Device has UL flammability classification 94V-0
* UL listed the recognized component directory, file #E94233
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MD1
THRU
MD7
SILICON MINI BRIDGE RECTIFIER
MD
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amp
0.5
30
UNITS
Maximum Average Forward Output Rectified
Current at TA = 30
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
MD1
MD3
MD4
MD2
MD5
MD6
MD7
50
200
400
100
600
800
1000
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0 C
2003-12
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.05
0.5
mAmps
uAmps
Element at 0.5A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
5.0
Maximum Reverse Current at rated
MD1
MD3
MD4
MD2
MD5
MD6
MD7
.157(4.0)
.217 (5.50)
.145(3.6)
.193(4.9)
.177(4.5)
.104 (2.65)
(0.5)
.020
.106(2.7)
.091(2.3)
.136 (3.45)
Dimensions in inches and (millimeters)


Similar Part No. - MD1

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
MD1-100T DIT-MD1-100T Datasheet
1Mb / 2P
EMI/EMC FILTER
MD1-100TA DIT-MD1-100TA Datasheet
1Mb / 2P
EMI/EMC FILTER
MD1-100TAX DIT-MD1-100TAX Datasheet
1Mb / 2P
EMI/EMC FILTER
MD1-200T DIT-MD1-200T Datasheet
1Mb / 2P
EMI/EMC FILTER
MD1-200TA DIT-MD1-200TA Datasheet
1Mb / 2P
EMI/EMC FILTER
More results

Similar Description - MD1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD1S RECTRON-MD1S Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
MSB301S RECTRON-MSB301S Datasheet
211Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-08 REV:A
SLPD101S RECTRON-SLPD101S Datasheet
496Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
2019-11 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com