Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMBT4401
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT4401 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMBT4401 Datasheet HTML 1Page - Rectron Semiconductor MMBT4401 Datasheet HTML 2Page - Rectron Semiconductor MMBT4401 Datasheet HTML 3Page - Rectron Semiconductor MMBT4401 Datasheet HTML 4Page - Rectron Semiconductor MMBT4401 Datasheet HTML 5Page - Rectron Semiconductor MMBT4401 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT4401 )
10
8.0
6.0
4.0
2.0
0
10
8.0
6.0
4.0
2.0
0
300
20
10
200
100
70
50
30
400
300
200
100
80
60
40
30
20
3.0
5.0
7.0
2.0
0.5
0.7
1.0
0.3
0.2
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100
50 100 200
500 1.0k 2.0k 5.0k 10k 20k 50k 100k
100
50
20
10
5.0
2.0
1.0
Figure 7.Frequency Effects
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 9.Cuttent Gain
Figure 10.Input Impedance
f, FREQUENCY (KHz)
RS, SOURCE RESISTANCE (OHMS)
Figure 8.Source Resistance Effects
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 12.Temperature Coefficients
Figure 11.Voltage Feedback Ratio
RS = OPTIMUM
SOURCE
RESISTANCE
RS =
f = 1.0 kHz
IC=50uA
IC=100uA
IC=500uA
IC=1.0mA
IC=1.0mA, RS = 150 W
IC=500uA, RS = 200 W
IC=100uA, RS = 2.0 kW
IC=50uA, RS = 4.0kW
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
MMBT4401 UNIT 1
MMBT4401 UNIT 2
MMBT4401 UNIT 1
MMBT4401 UNIT 2
MMBT4401 UNIT 1
MMBT4401 UNIT 2
MMBT4401 UNIT 1
MMBT4401 UNIT 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com