Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ4 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBJ4
Description  4.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ4 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBJ4 Datasheet HTML 1Page - Won-Top Electronics KBJ4 Datasheet HTML 2Page - Won-Top Electronics KBJ4 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJ4A – KBJ4M
1 of 3
© 2002 Won-Top Electronics
KBJ4A – KBJ4M
4.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
G
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
C
+
~
~
-
H
J
L
D
K
E
Mechanical Data
P
P
P
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
!
Polarity: As Marked on Body
!
Weight: 4.0 grams (approx.)
!
Mounting Position: Any
R
!
Marking: Type Number
G
S
T
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBJ4A KBJ4B KBJ4D KBJ4G
KBJ4J
KBJ4K KBJ4M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
@TA = 25°C
IO
4.0
2.4
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
I2t Rating for Fusing (t < 8.35ms)
I2t93
A2s
Forward Voltage (per diode)
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
5.0
500
µA
Typical Thermal Resistance (per leg) (Note 1)
RJA
30
K/W
Typical Thermal Resistance (per leg) (Note 2)
RJC
5.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length.
2. Thermal resistance junction to case, mounted on 5.0 x 4.0 x 0.8cm thick AL plate heatsink.
WT E
PO W E R SEM IC O ND UC TO R S
KBJ-4
Dim
Min
Max
A
24.7
25.3
B
14.7
15.3
C
—4.0
D
17.0
18.0
E
3.3
3.7
G
3.1Ø
3.4Ø
H
1.05
1.45
J
1.7
2.1
K
0.9
1.1
L
1.5
1.9
M
4.8
5.16
N
3.8
4.4
P
7.3
7.7
R
9.3
9.7
S
3.4
3.9
T
0.6
0.8
All Dimensions in mm


Similar Part No. - KBJ4

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
KBJ4 NELLSEMI-KBJ4 Datasheet
232Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
First Components Intern...
KBJ400 FCI-KBJ400 Datasheet
104Kb / 2P
4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Shanghai Lunsure Electr...
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Kwang Myoung I.S. CO.,L...
KBJ4005 KISEMICONDUCTOR-KBJ4005 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBJ4005 YFWDIODE-KBJ4005 Datasheet
198Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBJ4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBL406 DIODES-PBL406 Datasheet
67Kb / 2P
4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
RS401L DIODES-RS401L Datasheet
62Kb / 2P
4.0A BRIDGE RECTIFIER
DS21315 Rev. D-3
logo
Zibo Seno Electronic En...
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
4.0A BRIDGE RECTIFIER
UG4KB05 ZSELEC-UG4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
4.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com