Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMT1 Datasheet(PDF) 3 Page - Rohm

Part # EMT1
Description  General Purpose Transistor (Isolated Dual Transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMT1 Datasheet(HTML) 3 Page - Rohm

  EMT1 Datasheet HTML 1Page - Rohm EMT1 Datasheet HTML 2Page - Rohm EMT1 Datasheet HTML 3Page - Rohm EMT1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMT1 / UMT1N / IMT1A
Transistors
Rev.C
3/3
-0.1
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
-1
-0.5
-0.2
-0.05
COLLECTOR CURRENT : IC
(mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current (
ΙΙ )
lC/lB = 10
Ta = 100
°C
25
°C
-40
°C
50
100
0.5
20
50
100
200
500
1000
12
5
10
EMITTER CURRENT : IE
(mA)
Fig.8 Gain bandwidth product vs.
emitter current
Ta = 25
°C
VCE
= -12V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Collector output capacitance vs.
Emitter input capacitance vs.
collector-base voltage
emitter-base voltage
Fig.9
-0.5
-20
2
5
10
-1
-2
-5
-10
20
Cib
Cob
Ta = 25
°C
f
= 1MHz
IE
= 0A
IC
= 0A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com