Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP120 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # TIP120
Description  TO-220 DARLING TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TIP120 Datasheet(HTML) 3 Page - Rectron Semiconductor

  TIP120 Datasheet HTML 1Page - Rectron Semiconductor TIP120 Datasheet HTML 2Page - Rectron Semiconductor TIP120 Datasheet HTML 3Page - Rectron Semiconductor TIP120 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES (TIP120)
Figure6 COLLECTOR SATURATION REGION
Figure5 DC CURRENT GAIN
IC, COLLECTOR CURRENT, (A)
IB, BASE CURRENT, (A)
Figure7 "ON" VOLTAGES
IC, COLLECTOR CURRENT, (A)
0.1
0.2 0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0 10
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
0.3
0.5 0.7 1.0
3.0
5.0
2.0
7.0 10
20 30
0.5
1.0
1.5
2.0
3.0
2.5
200
300
500
2K
1K
3K
5K
20K
10K
1.0
1.4
1.8
2.2
2.6
3.0
TJ= -55
OC
TJ= 25
OC
TJ= 150
OC
VCE= 4.0 V
6.0A
4.0A
IC= 2.0A
TJ= 25
OC
TJ= 25OC
VBE(sat) @ IC/IB =250
VBE @ VCE =4.0V
VCE(sat) @ IC/IB =250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com