Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS02A Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS02A
Description  METALLIZED POLYESTER FILM CAPACITOR-AC-MFA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS02A Datasheet(HTML) 1 Page - Suntan Capacitors

  TS02A Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYESTER FILM CAPACITOR-AC-MFA
Suntan®
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
TS02A
F E A T U R E S
‧
High reliability with self-healing performance
‧
High moisture resistance
‧
Competitive price
‧
High capacitance stability
‧
Recomendable for high frequency circuit use
‧
Possibility production of special specifications
SPEC IFICA T ION S
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
TEMPERATURE RANGE
RATED VOLTAGE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
0.01 TO + 4.7 Mfd
±
5%, ±10%, ±20%
-40℃ TO +85℃
AC 250V
2,000 M
Ω
1% MAX. AT 1KHz
175% of rated voltage for 5sec.
VAC
Mfd
CODE
L
H
T
P
d
VAC
Mfd
CODE
L
H
T
P
d
0.01
103
12
7
4
10
0.6
0.56
564
23
16.5
11
20
0.8
0.015
153
12
8
5
10
0.6
0.68
684
23
19.5
11
20
0.8
0.018
183
12
9
5
10
0.6
0.82
824
23
21
11
20
0.8
0.022
223
12
9
5
10
0.6
1.0
105
26
21.5
13.5
22.5
0.8
0.027
273
12
9
5
10
0.6
1.5
155
30
24
14
26.5
0.8
0.033
333
12.5
10
6
10
0.6
1.8
185
30
26
15
26.5
0.8
0.039
393
12.5
11
7
10
0.6
2.2
225
30
27
17
26.5
0.8
0.047
473
12.5
11
7
10
0.6
2.7
275
30
29
19
26.5
0.8
0.056
563
12.5
12
7
10
0.8
3.3
335
35
33
19
31.5
0.8
0.068
683
13
12
7
10
0.8
3.9
395
35
31
21
31
0.8
0.082
823
13
12
8
10
0.8
4.7
475
35
34
22
31
0.8
0.1
104
17
12
6
15
0.8
0.15
154
18
14
7
15
0.8
0.18
184
18
14
8
15
0.8
0.22
224
18
16
8
15
0.8
0.27
274
18
16
9
15
0.8
0.33
334
18
17
9
15
0.8
0.39
394
23
15
9
20
0.8
0.47
474
23
16
10
20
0.8
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS02A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TS02ABE ITT-TS02ABE Datasheet
248Kb / 3P
Tiny Slide Switches
TS02ABF ITT-TS02ABF Datasheet
248Kb / 3P
Tiny Slide Switches
TS02AGE ITT-TS02AGE Datasheet
248Kb / 3P
Tiny Slide Switches
TS02AGF ITT-TS02AGF Datasheet
248Kb / 3P
Tiny Slide Switches
TS02AKE ITT-TS02AKE Datasheet
248Kb / 3P
Tiny Slide Switches
More results

Similar Description - TS02A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6104RKF PANASONIC-ECQ-E6104RKF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com