Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL201 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # RL201
Description  2.0A SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RL201 Datasheet(HTML) 3 Page - Won-Top Electronics

  RL201 Datasheet HTML 1Page - Won-Top Electronics RL201 Datasheet HTML 2Page - Won-Top Electronics RL201 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RL201 – RL207
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
RL201-T3
DO-15
4000/Tape & Reel
RL201-TB
DO-15
3000/Tape & Box
RL201
DO-15
1000 Units/Box
RL202-T3
DO-15
4000/Tape & Reel
RL202-TB
DO-15
3000/Tape & Box
RL202
DO-15
1000 Units/Box
RL203-T3
DO-15
4000/Tape & Reel
RL203-TB
DO-15
3000/Tape & Box
RL203
DO-15
1000 Units/Box
RL204-T3
DO-15
4000/Tape & Reel
RL204-TB
DO-15
3000/Tape & Box
RL204
DO-15
1000 Units/Box
RL205-T3
DO-15
4000/Tape & Reel
RL205-TB
DO-15
3000/Tape & Box
RL205
DO-15
1000 Units/Box
RL206-T3
DO-15
4000/Tape & Reel
RL206-TB
DO-15
3000/Tape & Box
RL206
DO-15
1000 Units/Box
RL207-T3
DO-15
4000/Tape & Reel
RL207-TB
DO-15
3000/Tape & Box
RL207
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com